Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16841 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16841
Description  2.5V/3.3V ALVT 20-bit bus interface latch 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16841 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16841 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16841
2.5V/3.3V 20-bit bus interface latch (3-State)
1998 Feb 13
3
LOGIC SYMBOL
1D0 1D1 1D2 1D3 1D4 1D5 1D6
1D7
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6
1Q7
1D8
1D9
1Q8
1Q9
2D0 2D1 2D2 2D3 2D4 2D5 2D6
2D7
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6
2Q7
2D8
2D9
2Q8
2Q9
55
54
52
51
49
48
47
45
44
43
56
1
29
28
2
3
5
6
8
9
10
12
13
14
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
SH00023
1LE
1OE
2LE
2OE
LOGIC SYMBOL (IEEE/IEC)
EN4
2
∇
EN2
4
∇
SA00077
1
56
28
29
55
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
30
2
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
27
1D
3D
C1
C3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OE
1Q0
1Q1
GND
1Q2
1Q3
1Q4
1Q5
GND
1Q6
1Q7
1Q8
2Q2
1Q9
VCC
2Q3
VCC
2Q1
2Q4
2Q8
2OE
2Q7
1LE
1D0
1D1
GND
1D2
1D3
1D4
1D5
2D0
1D6
1D7
2D1
2D2
GND
2D4
VCC
2D5
VCC
2D3
2D6
GND
2D8
2LE
2D7
SA00076
2Q0
GND
2Q5
28
27
26
25
49
50
51
52
53
54
55
56
2D9
1D9
1D8
GND
2Q9
GND
2Q6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com