Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16841 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT16841
Description  2.5V/3.3V ALVT 20-bit bus interface latch 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16841 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16841 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16841
2.5V/3.3V 20-bit bus interface latch (3-State)
1998 Feb 13
10
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V; VM = VCC/2 at VCC v 2.7V
VX = VOL + 0.3V at VCC w 3.0V; VX = VOL + 0.15V at VCC v 2.7V
VY = VOH – 0.3V at VCC w 3.0V; VY = VOH – 0.15V at VCC v 2.7V
tw(H)
tPHL
tPLH
nLE
nQx
SA00078
VM
VM
VM
VM
VM
3.0V or VCC
whichever
is less
0V
VOH
VOL
Waveform 1. Propagation Delay, Latch Enable Input to
Output, and Enable Pulse Width
nDx INPUT
VM
tPLH
tPHL
nQx OUTPUT
VM
VM
VM
SA00079
3.0V or VCC
whichever
is less
0V
3.0V or VCC
whichever
is less
0V
Waveform 2. Propagation Delay for Data to Outputs
NOTE: The shaded areas indicate when the input is
permitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nLE
ts(H)
th(H)
ts(L)
th(L)
SA00080
VM
0V
0V
3.0V or VCC
whichever
is less
3.0V or VCC
whichever
is less
Waveform 3. Data Setup and Hold Times
VY
VM
VM
VM
nQx
tPZH
tPHZ
SH00007
nOE
0V
VOH
0V
3.0V or VCC
whichever
is less
Waveform 4. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VX
VM
VM
VM
nQx
tPZL
tPLZ
SH00008
nOE
VOL
0V
0V
3.0V or VCC
3.0V or VCC
whichever
is less
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com