Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9S857 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9S857
Description  Low-Voltage 10-Bit FET BUS Switch With Internal Pulldown Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9S857 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9S857 Datasheet HTML 1Page - Integrated Circuit Systems ICS9S857 Datasheet HTML 2Page - Integrated Circuit Systems ICS9S857 Datasheet HTML 3Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
ICS9S857
Preliminary Product Preview
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1F
E
R
VT
U
Oe
g
a
t
l
o
v
t
u
p
t
u
o
e
c
n
e
r
e
f
e
R
,
9
,
8
,
7
,
6
,
5
,
4
,
3
,
2
1
1
,
0
1
0
1
A
-
1
AN
Is
t
u
p
n
I
2
1D
N
GR
W
Pd
n
u
o
r
G
,
8
1
,
9
1
,
0
2
,
1
2
,
2
2
,
3
1
,
4
1
,
5
1
,
6
1
,
7
1
0
1
B
-
1
BT
U
Os
t
u
p
t
u
O
3
2#
E
ON
Ie
l
b
a
n
E
t
u
p
t
u
O
4
2D
D
VR
W
P)
V
6
.
3
(
y
l
p
p
u
s
r
e
w
o
P
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CG
N
I
T
A
RT
I
N
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
s
C
D
6
.
4
+
o
t
5
.
0
-V
I
K
I
t
n
e
r
r
u
c
p
m
a
l
c
t
u
p
n
i
C
DV
O
/
I
0
<0
5
-A
m
V
I
)
y
l
n
o
#
E
O
(
e
g
n
a
r
e
g
a
t
l
o
v
t
u
p
n
i
C
D
2
V
D
D
5
.
0
+V
T
g
t
s
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
0
5
1
o
t
5
6
-C
°
V
I
)
#
E
O
t
p
e
c
x
e
(
e
g
a
t
l
o
v
t
u
p
n
i
C
D
2
6
.
4
o
t
5
.
0
-V
Absolute Maximum Ratings
Notes:
1.
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under " recommended operating
conditions' is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
2.
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings
are observed.
3.
The package thermal impedance is calculated in accordance with JESD 51.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
P
S
T
I
M
I
L
N
I
MP
Y
TX
A
MT
I
N
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
s
C
D3
3
.
36
.
3V
V
F
E
R
V
x
8
3
.
0
(
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
R
D
D )5
1
.
15
2
.
15
3
.
1V
V
H
I
t
u
p
n
i
l
e
v
e
l
-
h
g
i
h
C
A
V
F
E
R
+
V
m
0
5
3
V
V
L
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
l
C
AV
F
E
R
V
m
0
5
3
-V
V
H
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
h
C
D
V
F
E
R
+
V
m
0
8
1
V
V
L
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
l
C
DV
F
E
R
V
m
0
8
1
-V
T
b
m
a
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O0
5
8
+C
°
Recommended Operating Condidions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com