Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9S857 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9S857
Description  Low-Voltage 10-Bit FET BUS Switch With Internal Pulldown Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9S857 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9S857 Datasheet HTML 1Page - Integrated Circuit Systems ICS9S857 Datasheet HTML 2Page - Integrated Circuit Systems ICS9S857 Datasheet HTML 3Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ICS9S857
Preliminary Product Preview
Ordering Information
ICS9S857yGT
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
G=TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y G - PPP - T
MIN
MAX
MIN
MAX
A
-
1.20
-
0.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
0.50 BASIC
0.020 BASIC
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
-
0.10
-
.004
VARIATIONS
MIN
MAX
MIN
MAX
20
4.90
5.10
.193
.201
24
6.40
6.60
.252
.260
28
7.70
7.90
.303
.311
30
7.70
7.90
.303
.311
36
9.60
9.80
.378
.386
38
9.60
9.80
.378
.386
44
10.90
11.10
.429
.437
50
12.40
12.60
.488
.496
MO-153 JEDEC
Doc.# 10-0036
7/6/00 Rev B
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
N
D mm.
D (inch)
SEE VARIATIONS
4.40 mm. Body, 0.50 mm. pitch TSSOP
(173 mil)
(0.020 mil)
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com