Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9S857 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9S857
Description  Low-Voltage 10-Bit FET BUS Switch With Internal Pulldown Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9S857 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9S857 Datasheet HTML 1Page - Integrated Circuit Systems ICS9S857 Datasheet HTML 2Page - Integrated Circuit Systems ICS9S857 Datasheet HTML 3Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Integrated
Circuit
Systems, Inc.
ICS9S857
Preliminary Product Preview
Low-Voltage 10-Bit FET BUS Switch With
Internal Pulldown Resistors
9S857 Rev A 7/31/00
Pin Configuration
24-Pin TSSOP
Product Features:
•
Full DDR solution provided when used with
ICSSSTV16857andICS93857
•
Enable signal is SSTL_2 compatible
•
Flow-through architecture optimizes PCB layout
•
Designed for use with 200 Mbit/s Double Data-Rate
(DDR) SDRAM applications
•
Switch On-state restance is designed to eliminate series
resistor to DDR SDRAM
•
Internal 10W pulldown resistors to ground on B port
•
Internal 50W pullup resistor on Output-Enable
(OE#) input
•
Latch-up perfromance exceeds 100 mA per JESD 78,
Class II
•
Available in 24 pin TSSOP package
VREF
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VDD
OE#
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
V
DD
OE#
A1
B1
22
2
13
11
1
23
A10
B10
VREF
R
INT
R
INT
SW
SW
(OE#)
AB
Logic Diagram (Positive Logic)
Simplified Shcematic, Each FET Switch
Function Table
T
U
P
N
I
#
E
O
N
O
I
T
C
N
U
F
L
H
t
r
o
p
B
=
t
r
o
p
A
t
c
e
n
n
o
c
s
i
D
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.


Similar Part No. - ICS9S857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS90C65 ICST-ICS90C65 Datasheet
360Kb / 10P
Dual Voltage Video/Memory Clock Generator
RevA111095
ICS90C65M ICST-ICS90C65M Datasheet
360Kb / 10P
Dual Voltage Video/Memory Clock Generator
RevA111095
ICS90C65N ICST-ICS90C65N Datasheet
360Kb / 10P
Dual Voltage Video/Memory Clock Generator
RevA111095
ICS90C65V ICST-ICS90C65V Datasheet
360Kb / 10P
Dual Voltage Video/Memory Clock Generator
RevA111095
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
More results

Similar Description - ICS9S857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT162292 TI-SN74CBT162292 Datasheet
78Kb / 5P
12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3857 TI-SN74CBTLV3857 Datasheet
67Kb / 5P
LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLVR16292 TI-SN74CBTLVR16292 Datasheet
193Kb / 10P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV16292 TI-SN74CBTLV16292 Datasheet
193Kb / 10P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3857 TI1-SN74CBTLV3857_15 Datasheet
687Kb / 10P
LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com