Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS90C65 Datasheet (PDF) - Integrated Circuit Systems

ICS90C65 Datasheet PDF - Integrated Circuit Systems
Part # ICS90C65
Download  ICS90C65 Download
File Size   360.51 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Voltage Video/Memory Clock Generator

ICS90C65 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS90C65 Datasheet PDF - Integrated Circuit Systems

Part # ICS90C65
Download  ICS90C65 Click to download

File Size   360.51 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Voltage Video/Memory Clock Generator

ICS90C65 Datasheet (HTML) - Integrated Circuit Systems


ICS90C65 Product details

Introduction
The Integrated Circuit Systems ICS90C65 is a dual clock generator for VGA applications. It simultaneously generates two clocks. One clock is for the video memory, and the other is the video dot clock.

Description
The Integrated Circuit Systems Video Graphics Array Clock Generator (ICS90C65) is capable of producing different output frequencies under firmware control. The video output frequency is derived from a 14.318 MHz system clock available in IBM PC/XT/AT and Personal System/2 computers. It is designed to work with Western Digital Imaging Video Graphics Array and 8514/A devices to optimize video subsystem performance.

Features
• Specified for dual voltage operation (VDD=3.3V or 5V), but operates continuously from 3.0V to 5.25V
• Designed to be powered-down for extended battery life
• Backward compatibility to the ICS90C64 and ICS90C63
• Dual Clock generator for the IBM-compatible Western Digital Imaging Video Graphics Array (VGA) LSI devices, and 8514/A chip sets
• Integral loop filter components, reduce cost and phase jitter
• Generates fifteen video clock frequencies (including 25.175 and 28.322 MHz) derived from a 14.318 MHz system clock reference frequency
• On-chip generation of eight memory clock frequencies
• Video clock is selectable among the 15 internally generated clocks and one external clock
• CMOS technology
• Available in 20-pin PLCC, SOIC and DIP packages




Similar Part No. - ICS90C65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9107C-21CS08 ICST-ICS9107C-21CS08 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9107C-22CS08 ICST-ICS9107C-22CS08 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9108-03CN14 ICST-ICS9108-03CN14 Datasheet
323Kb / 8P
CPU Frequency Generator
RevB032195
ICS9108-03CN8 ICST-ICS9108-03CN8 Datasheet
323Kb / 8P
CPU Frequency Generator
RevB032195
More results


Similar Description - ICS90C65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1567 ICST-ICS1567 Datasheet
161Kb / 11P
Differential Output Video Dot Clock Generator
RevB090894
ICS2495 ICST-ICS2495 Datasheet
314Kb / 7P
Dual Video/Memory Clock Generator
RevA090694
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Integrated Circuit Syst...
ICS9222-01 ICST-ICS9222-01 Datasheet
93Kb / 6P
Dual Memory Clock Generator
logo
Cypress Semiconductor
ICD2051 CYPRESS-ICD2051 Datasheet
134Kb / 8P
Dual Programmable Clock Generator
logo
Integrated Device Techn...
ICS9222-01 IDT-ICS9222-01 Datasheet
98Kb / 6P
Dual Memory Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
Clock Generator for Audio/Video Equipment
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
Clock Generator for Audio/Video Equipment
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com