Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS90C65 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS90C65
Description  Dual Voltage Video/Memory Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS90C65 Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 9Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DC Characteristics at 5 Volts VDD
SYMBOL
PARAMETER
MIN
MAX
UNITS
CONDITIONS
VDD
Operating Voltage Range
4.75
5.25
V
VIL
Input Low Voltage
VSS
0.8
V
VDD = 5V
VIH
Input High Voltage
2.0
VDD
VVDD = 5V
IIH
Input Leakage Current
-
10
µA
VIN = VCC
VOL
Output Low Voltage
-
0.4
V
IOL = 8.0 mA
VOH
Output High Voltage
2.4
-
V
IOH = 8.0 mA
IDD
Supply Current
-
30
mA
VDD = 5V
RUP
Internal Pull-up Resistors
50
-
K ohms
VIN = 0.0V
Cin
Input Pin Capacitance
-
8
pF
FC = 1 MHz
Cout
Output Pin Capacitance
-
12
pF
FC = 1 MHz
IPN
Power-down Supply Current
-
1.0
µA
VDD=3.3V
RDN
Internal Pull-down Equivalent
20
-
K ohms
VIN=VDD=5V
DC Characteristics at 3.3 Volts VDD
SYMBOL
PARAMETER
MIN
MAX
UNITS
CONDITIONS
VDD
Operating Voltage Range
3.0
3.6
V
VIL
Input Low Voltage
VSS
0.8
V
VDD = 3.3V
VIH
Input High Voltage
2.0
VDD
VVDD = 3.3V
IIH
Input Leakage Current
-
10
µA
Vin = VDD
VOL
Output Low Voltage
-
0.4
V
IOL = 3.0 mA
VOH
Output High Voltage
2.4
-
V
IOH = 3.0 mA
IDD
Supply Current
-
20
mA
VDD = 3.3V
RUP
Internal Pull-up Resistors
100
-
K ohms
VIN = 0.0V
Cin
Input Pin Capacitance
-
8
pF
FC = 1 MHz
Cout
Output Pin Capacitance
-
12
pF
FC = 1 MHz
IPN
Power-down Supply Current
-
1.0
µA
VDD =3.3V
RDN
Internal Pull-down Equivalent
50
-
K ohms
VIN =VDD =3.3V
ICS90C65
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com