Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS90C65 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS90C65
Description  Dual Voltage Video/Memory Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS90C65 Datasheet HTML 1Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS90C65 VGA Interface
The ICS90C65 has two system interfaces: System Bus and
VGA Controller, as well as other programmable inputs. Figure
1 shows how the Integrated Circuit Systems’s VGA Clock
ICS90C65 is connected to a VGA controller. Western Digital
Imaging VGA controllers normally have a status bit that indi-
cates to the VGA controller that it is working with a clock chip.
When working with a clock chip the VGA controller changes
t wo of i ts cl ock in pu ts to ou tpu ts. They
are
theVCLK1/VCSLD/VCSEL and VCLK2/VCSEL/VCSELH
outputs and they are used to select the required video frequency.
Figure 1
When the power-down capabilities are used, the control signal
for PWRDN is normally held in one of a group of latches. If
the power-down function is not to be used, PWRDN must be
tied to VDD, otherwise the internal pull-down will place the chip
in the power-down mode.
VSEL0
14.318
MHz
SD3
SD2
pull-up at reset
and PR15(5)=0
AMD(3)
VCKIN
MCLK
VCSEL
VCS
ICS90C65
WD90C26
LATCH
VSEL1
VSEL2
VCLK
MC
SELEN
CLK1
PWRDN
ICS90C65
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com