Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2LP-W Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # F2LP-W
Description  Inductive Ring Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F2LP-W Datasheet(HTML) 7 Page - Omron Electronics LLC

  F2LP-W Datasheet HTML 1Page - Omron Electronics LLC F2LP-W Datasheet HTML 2Page - Omron Electronics LLC F2LP-W Datasheet HTML 3Page - Omron Electronics LLC F2LP-W Datasheet HTML 4Page - Omron Electronics LLC F2LP-W Datasheet HTML 5Page - Omron Electronics LLC F2LP-W Datasheet HTML 6Page - Omron Electronics LLC F2LP-W Datasheet HTML 7Page - Omron Electronics LLC F2LP-W Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
F2LP-W
F2LP-W
7
DC Solid State Output Stage Circuit Diagram
Main circuit of
Sensor
Load
Load
Note:
1. The load can be connected as follows:
2. The maximum capacity of the load is
100 mA, 40 VDC.
2.2
τ
47 V
Connections
Note:
Terminal 7 (internal circuit 0 V) can be grounded by
grounding the Sensor, because this terminal is
connected to the metal case of the Sensor. Sensor
input terminals 7 and 8, transistor output terminals
10 and 11, power supply terminals 1, 2, and 3, and
relay connecting terminals 4, 5, and 6 are insulated
from one another.
Shielding
Conductor
100 VAC
200 VAC,
50/60 Hz
Precautions
Please read the following carefully to ensure effective and proper
use of the F2LP-W.
Influence of Metals at Close Range
The Sensor can malfunction if there is a moving metal object
around the Sensor. Keep metal objects away from the Sensor by
at least the distances indicated in the following drawing and
table.
Moving metal
object
m
l
l
Model
Distance
l
Distance m
F2LP-W10M
100
100
F2LP-W20M
100
20
F2LP-W50M
150
30
F2LP-W75M
200
40
F2LP-W100M
300
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com