Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2LP-W Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # F2LP-W
Description  Inductive Ring Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F2LP-W Datasheet(HTML) 8 Page - Omron Electronics LLC

  F2LP-W Datasheet HTML 1Page - Omron Electronics LLC F2LP-W Datasheet HTML 2Page - Omron Electronics LLC F2LP-W Datasheet HTML 3Page - Omron Electronics LLC F2LP-W Datasheet HTML 4Page - Omron Electronics LLC F2LP-W Datasheet HTML 5Page - Omron Electronics LLC F2LP-W Datasheet HTML 6Page - Omron Electronics LLC F2LP-W Datasheet HTML 7Page - Omron Electronics LLC F2LP-W Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
F2LP-W
F2LP-W
8
The Sensor mounted on a metal base can malfunction if there is
a metal object close to the coil of the Sensor. Keep metal away
from the coil by at least the distances indicated in the following
drawings.
F2LP-W10M
Metal
Metal
10 mm
max.
F2LP-W20M
Metal
Metal
19 mm max.
F2LP-W50M
Metal
Metal
11 mm max.
F2LP-W75M
Metal
Metal
34
mm
max.
112 dia.
min.
F2LP-W100M
Metal
Metal
Metal
Metal
Note:
To mount the F2LP-W75M on a flange, open
a hole of at least 112 dia. min.
Note:
To mount the F2LP-W100M on a flange, open
a hole of at least 150 dia.
150
dia.
min.
25
mm
Mutual Interference
When using more than one Sensor, ground the ground terminals
of the Sensors and then separate the Sensors one another by at
least the distances indicated in the following drawings. The
distances in parentheses apply when the Sensors are set to
different frequencies.
Facing
each other
In
parallel
l 1
l 2
Model
Facing (
l 1)
Parallel (
l 2)
F2LP-W10M
500 (100)
500 (100)
F2LP-W20M
500 (100)
500 (100)
F2LP-W50M
500 (100)
500 (100)
F2LP-W75M
750 (150)
750 (150)
F2LP-W100M
1,000 (200)
1,000 (200)
Others
Do not use the Sensor immediately after power is on, since the
Sensor needs an interval of 1 to 2 seconds after power is on to
function normally and sense objects.
To maintain noise resistance when connecting a Sensor cable to
the Amplifier Unit terminals, always use a cable with a conductor
thickness of no more than 10 mm.
Sensor
10 mm max.
Sensor cable
Amplifier
Unit
Only one pulse (40 ms) will be output when the sensing object is
stationary or if the sensing object is always present such as the
case when line breakage is detected.
When using the Sensor at a high level of sensitivity, be careful
not to touch or come in contact with the Sensor because any
contact with the sensing surface will be detected.
OMRON Corporation
Systems Components Division H.Q.
28th Fl., Crystal Tower Bldg.
1-2-27, Shiromi, Chuo-ku,
Osaka 540 Japan
Phone: 06-949-6012 Fax: 06-949-6021
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. D32-E1-2
In the interest of product improvement, specifications are subject to change without notice.
Printed in Japan
0997-0.5M (0590) a



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com