Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2LP-W Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # F2LP-W
Description  Inductive Ring Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F2LP-W Datasheet(HTML) 3 Page - Omron Electronics LLC

  F2LP-W Datasheet HTML 1Page - Omron Electronics LLC F2LP-W Datasheet HTML 2Page - Omron Electronics LLC F2LP-W Datasheet HTML 3Page - Omron Electronics LLC F2LP-W Datasheet HTML 4Page - Omron Electronics LLC F2LP-W Datasheet HTML 5Page - Omron Electronics LLC F2LP-W Datasheet HTML 6Page - Omron Electronics LLC F2LP-W Datasheet HTML 7Page - Omron Electronics LLC F2LP-W Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
F2LP-W
F2LP-W
3
Amplifier Unit
Supply voltage
120/240 VAC 15%, 50/60 Hz
Power consumption
3VA max.
Sensitivity adjustment
Selector and variable resistor
Timer
DC solid-state
Normal or 40-ms OFF delay. (selectable)
Relay
One-shot, 40 ms (fixed)
Sensing
interval
DC solid-state
Normal: 75 ms max.; OFF-delay: 125 ms max. (Minimum sensing objects can be detected at
intervals specified. Larger objects need longer intervals.)
interval
Relay
75 ms max. (See note for DC solid-state sensing interval.)
Control
DC solid-state
100 mA, 40 VDC max. photocoupler output; residual voltage: 2 V max. (Refer to Engineering Data.)
output
Relay
Resistive load of 2 A at 250 VAC or 3 A at 30 VDC
Compatibility with Sensor
Heads with different
diameters
Can be connected to F2LP-WjM Sensors with a diameter of 10, 20, 50, 75, or 100 (switchable).
Compensation for cord length
Switch setting
Output form
NO or NC (switchable)
Indicators
Power and operation
Ambient temperature
Operating: --10
Cto 55C (with no icing)
Ambient humidity
Operating: 35% to 85%
Insulation resistance
50 M
τ min. (at 500 VDC) between all live terminals and non-current carrying bare metal parts, and
between all primary terminals (for power supply) and all secondary terminals (for non-contact output
and Sensor)
Dielectric strength
1,500 VAC, 50/60 Hz for 1 minute between all live terminals and non-current carrying bare metal
parts, between all primary terminals (for power supply) and all secondary terminals (for non-contact
output and Sensor), and among all contact output terminals
Vibration resistance
Destruction: 10 to 55 Hz, 1.5 mm double amplitude for 2 hours in X, Y, Z directions respectively
Shock resistance
Destruction: 100 m/s2 (approx. 10G) for 3 times in X, Y, Z directions respectively
Enclosure ratings
IEC IP30
Weight
Approx. 300 g
Engineering Data
Object Size vs. Falling Speed of Object (Typ.)
F2LP-W10M
F2LP-W20M
Object size (dia. x 0.5 mm)
Object size (dia. in 1 mm)
Iron
Aluminum
Object
Iron
Object
Heigh
t
Aluminum
Height



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com