Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3192 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 9Page - Analog Devices ADP3192 Datasheet HTML 10Page - Analog Devices ADP3192 Datasheet HTML 11Page - Analog Devices ADP3192 Datasheet HTML 12Page - Analog Devices ADP3192 Datasheet HTML 13Page - Analog Devices ADP3192 Datasheet HTML 14Page - Analog Devices ADP3192 Datasheet HTML 15Page - Analog Devices ADP3192 Datasheet HTML 16Page - Analog Devices ADP3192 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP3192
Rev. 0 | Page 13 of 32
If EN is taken low or if VCC drops below UVLO, DELAY and
SS are reset to ground to be ready for another soft start cycle.
Figure 8 shows typical start-up waveforms for the ADP3192.
CH1 1V
CH2 1V
CH4 10V
CH3 1V
M 1ms
A CH1
700mV
1
2
3
4
T 40.4%
Figure 8. Typical Start-Up Waveforms
(Channel 1: CSREF, Channel 2: DELAY,
Channel 3: SS, Channel 4: Phase 1 Switch Node)
CURRENT-LIMIT, SHORT-CIRCUIT, AND LATCH-
OFF PROTECTION
The ADP3192 compares a programmable current-limit set
point to the voltage from the output of the current-sense
amplifier. The level of current limit is set with the resistor
from the ILIMIT pin to ground. During operation, the current
from ILIMIT is equal to 2/3 of IREF, giving 10 μA normally.
This current through the external resistor sets the ILIMIT
voltage, which is internally scaled to give a current limit
threshold of 82.6 mV/V. If the difference in voltage between
CSREF and CSCOMP rises above the current-limit threshold,
the internal current-limit amplifier controls the internal COMP
voltage to maintain the average output current at the limit.
If the limit is reached and TD5 in Figure 7 has completed, a
latch-off delay time starts, and the controller shuts down if the
fault is not removed. The current-limit delay time shares the
DELAY pin timing capacitor with the start-up sequence timing.
However, during current limit, the DELAY pin current is
reduced to IREF/4. A comparator monitors the DELAY voltage
and shuts off the controller when the voltage reaches 1.7 V.
Therefore, the current-limit latch-off delay time is set by the
current of IREF/4 charging the delay capacitor from 0 V to 1.7 V.
This delay is four times longer than the delay time during the
start-up sequence.
The current-limit delay time starts only after the TD5 is
complete. If there is a current limit during startup, the
ADP3192 goes through TD1 to TD5, and then starts the latch-
off time. Because the controller continues to cycle the phases
during the latch-off delay time, the controller returns to normal
operation and the DELAY capacitor is reset to GND if the short
is removed before the 1.7 V threshold is reached.
The latch-off function can be reset by either removing and
reapplying the supply voltage to the ADP3192, or by toggling
the EN pin low for a short time. To disable the short circuit
latch-off function, an external resistor should be placed in
parallel with CDLY. This prevents the DELAY capacitor from
charging up to the 1.7 V threshold. The addition of this resistor
causes a slight increase in the delay times.
During startup, when the output voltage is below 200 mV,
a secondary current limit is active. This is necessary because
the voltage swing of CSCOMP cannot go below ground. This
secondary current limit controls the internal COMP voltage
to the PWM comparators to 1.5 V. This limits the voltage drop
across the low-side MOSFETs through the current balance
circuitry. An inherent per-phase current limit protects
individual phases if one or more phases stop functioning
because of a faulty component. This limit is based on the
maximum normal mode COMP voltage. Typical overcurrent
latch-off waveforms are shown in Figure 9.
CH1 1V
CH2 1V
CH4 10V
CH3 2V
M 2ms
A CH1
680mV
3
2
1
4
T 61.8%
Figure 9. Overcurrent Latch-Off Waveforms
(Channel 1: CSREF, Channel 2: DELAY,
Channel 3: COMP, Channel 4: Phase 1 Switch Node)
DYNAMIC VID
The ADP3192 has the ability to dynamically change the VID
inputs while the controller is running. This allows the output
voltage to change while the supply is running and supplying
current to the load. This is commonly referred to as VID on-
the-fly (OTF). A VID OTF can occur under light or heavy load
conditions. The processor signals the controller by changing the
VID inputs in multiple steps from the start code to the finish
code. This change can be positive or negative.
When a VID input changes state, the ADP3192 detects the
change and ignores the DAC inputs for a minimum of 400 ns.
This time prevents a false code due to logic skew while the eight
VID inputs are changing. Additionally, the first VID change
initiates the PWRGD and crowbar blanking functions for a
minimum of 100 μs to prevent a false PWRGD or crowbar
event. Each VID change resets the internal timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com