Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3192 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 24Page - Analog Devices ADP3192 Datasheet HTML 25Page - Analog Devices ADP3192 Datasheet HTML 26Page - Analog Devices ADP3192 Datasheet HTML 27Page - Analog Devices ADP3192 Datasheet HTML 28Page - Analog Devices ADP3192 Datasheet HTML 29Page - Analog Devices ADP3192 Datasheet HTML 30Page - Analog Devices ADP3192 Datasheet HTML 31Page - Analog Devices ADP3192 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP3192
Rev. 0 | Page 28 of 32
The compensation values can then be solved using
pF
524
Ω
k
00
1.
Ω
m
9
.
2
2
μs
0
0
.
3
Ω
m
1
4
=
×
×
×
=
×
×
×
=
B
E
A
O
A
R
R
T
R
n
C
(40)
Ω
k
87
.
9
pF
524
μs
17
.
5
=
=
=
A
C
A
C
T
R
(41)
pF
560
Ω
k
00
1.
ns
0
6
5
=
=
=
B
B
B
R
T
C
(42)
pF
2
.
34
Ω
k
87
.
9
ns
8
33
=
=
=
A
D
FB
R
T
C
(43)
These are the starting values prior to tuning the design that
account for layout and other parasitic effects (see the Tuning the
ADP3192 section). The final values selected after tuning are
CA = 560 pF
RA = 10.0 kΩ
CB = 560 pF
CFB = 27 pF
Figure 13 and Figure 14 show the typical transient response
using these compensation values.
CH1 50mV
M 10µs
A CH1
–36mV
1
Figure 13. Typical Transient Response for Design Example Load Step
CH1 50mV
M 10µs
A CH1
–36mV
1
Figure 14. Typical Transient Response for Design Example Load Release
CIN SELECTION AND INPUT CURRENT
di/dt REDUCTION
In continuous inductor current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to n × VOUT/VIN and an amplitude of one-nth the
maximum output current. To prevent large voltage transients,
a low ESR input capacitor, sized for the maximum rms current,
must be used. The maximum rms capacitor current is given by
A
14.7
1
0.108
4
1
A
19
1
108
.
0
1
1
=
−
×
×
×
=
−
×
×
×
=
CRMS
O
CRMS
I
D
N
I
D
I
(44)
The capacitor manufacturer’s ripple-current ratings are often
based on only 2000 hours of life. As a result, it advisable to
further derate the capacitor or to choose a capacitor rated at a
higher temperature than required. Several capacitors can be
placed in parallel to meet size or height requirements in the
design. In this example, the input capacitor bank is formed by
two 2700 μF, 16 V aluminum electrolytic capacitors and eight
4.7 μF ceramic capacitors.
To reduce the input current di/dt to a level below the recom-
mended maximum of 0.1 A/μs, an additional small inductor
(L > 370 nH at 18 A) should be inserted between the converter
and the supply bus. This inductor also acts as a filter between
the converter and the primary power source.
THERMAL MONITOR DESIGN
A thermistor is used on the TTSENSE input of the ADP3192
for monitoring the temperature of the VR. A constant current
of 123 μA is sourced out of this pin and runs through a
thermistor network such as the one shown in Figure 15.
VRHOT
VRFAN
TTSENSE
ADP3192
0.1µF
8
9
10
RTTSENSE
OPTIONAL
TEMPERATURE
ADJUST RESISTOR
PLACE
THERMISTOR
NEAR CLOSEST
PHASE
Figure 15. VR Thermal Monitor Circuit
A voltage is generated from this current through the thermistor
and sensed inside the IC. When the voltage reaches 1.105 V,
the VRFAN output gets set. When the voltage reaches 0.81 V,
the VRHOT gets set. This corresponds to RTTSENSE values of
8.98 kΩ for VRFAN and 6.58 kΩ for VRHOT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com