Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3192 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 21Page - Analog Devices ADP3192 Datasheet HTML 22Page - Analog Devices ADP3192 Datasheet HTML 23Page - Analog Devices ADP3192 Datasheet HTML 24Page - Analog Devices ADP3192 Datasheet HTML 25Page - Analog Devices ADP3192 Datasheet HTML 26Page - Analog Devices ADP3192 Datasheet HTML 27Page - Analog Devices ADP3192 Datasheet HTML 28Page - Analog Devices ADP3192 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADP3192
Rev. 0 | Page 25 of 32
Using 10, 560 μF Al-Poly capacitors with a typical ESR of 6 mΩ
each yields CX = 5.6 mF with an RX = 0.6 mΩ.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the high frequency
ringing during a load change.
This is tested using
()
pH
0
24
3
4
mΩ
1
μF
180
2
=
×
×
≤
×
×
≤
X
2
2
O
Z
X
L
Q
R
C
L
(23)
where Q2 is limited to 4/3 to ensure a critically damped system.
In this example, LX is approximately 240 pH for the 10, Al-Poly
capacitors, which satisfies this limitation. If the LX of the chosen
bulk capacitor bank is too large, the number of ceramic
capacitors needs to be increased, or lower ESL bulks need to be
used if there is excessive undershoot during a load transient.
For this multimode control technique, all ceramic designs can
be used providing the conditions of Equation 20 through
Equation 23 are satisfied.
POWER MOSFETS
For this example, the N-channel power MOSFETs have been
selected for one high-side switch and two low-side switches per
phase. The main selection parameters for the power MOSFETs
are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive
voltage (the supply voltage to the ADP3120A) dictates whether
standard threshold or logic-level threshold MOSFETs must be
used. With VGATE ~10 V, logic-level threshold MOSFETs
(VGS(TH) < 2.5 V) are recommended.
The maximum output current (IO) determines the RDS(ON)
requirement for the low-side (synchronous) MOSFETs. With
the ADP3192, currents are balanced between phases, thus, the
current in each low-side MOSFET is the output current divided
by the total number of MOSFETs (nSF). With conduction losses
being dominant, the Equation 24 shows the total power that is
dissipated in each synchronous MOSFET in terms of the ripple
current per phase (IR) and average total output current (IO):
()
()
SF
DS
SF
R
SF
O
SF
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
=
2
2
12
1
1
(24)
Knowing the maximum output current being designed for and
the maximum allowed power dissipation, the user can find the
required RDS(ON) for the MOSFET. For D-PAK MOSFETs up to
an ambient temperature of 50°C, a safe limit for PSF is 1 W to
1.5 W at 120°C junction temperature. Thus, for this example
(119 A maximum), RDS(SF) (per MOSFET) < 7.5 mΩ. This RDS(SF)
is also at a junction temperature of about 120°C. As a result,
users need to account for this when making this selection. This
example uses two lower-side MOSFETs at 4.8 mΩ, each at 120°C.
Another important factor for the synchronous MOSFET is the
input capacitance and feedback capacitance. The ratio of the
feedback to input needs to be small (less than 10% is recom-
mended) to prevent accidental turn-on of the synchronous
MOSFETs when the switch node goes high.
Also, the time to switch the synchronous MOSFETs off should
not exceed the nonoverlap dead time of the MOSFET driver
(40 ns typical for the ADP3120A). The output impedance of
the driver is approximately 2 Ω, and the typical MOSFET input
gate resistances are about 1 Ω to 2 Ω. Therefore, a total gate
capacitance of less than 6000 pF should be adhered to. Because
two MOSFETs are in parallel, the input capacitance for each
synchronous MOSFET should be limited to 3000 pF.
The high-side (main) MOSFET has to be able to handle two
main power dissipation components: conduction and switching
losses. The switching loss is related to the amount of time it
takes for the main MOSFET to turn on and off, and to the
current and voltage that are being switched. Basing the switching
speed on the rise and fall time of the gate driver impedance and
MOSFET input capacitance, the following expression provides
an approximate value for the switching loss per main MOSFET,
where nMF is the total number of main MOSFETs:
()
ISS
MF
G
MF
O
CC
SW
MF
S
C
n
n
R
n
I
V
f
P
×
×
×
×
×
×
= 2
(25)
where RG is the total gate resistance (2 Ω for the ADP3120A and
about 1 Ω for typical high speed switching MOSFETs, making
RG = 3 Ω), and CISS is the input capacitance of the main MOSFET.
Adding more main MOSFETs (nMF) does not help the switching
loss per MOSFET because the additional gate capacitance slows
switching. Use lower gate capacitance devices to reduce
switching loss.
The conduction loss of the main MOSFET is given by the
following, where RDS(MF) is the on resistance of the MOSFET:
()
()
MF
DS
MF
R
MF
O
MF
C
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
×
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
2
2
12
1
(26)
Typically, for main MOSFETs, the highest speed (low CISS)
device is preferred, but these usually have higher on resistance.
Select a device that meets the total power dissipation (about
1.5 W for a single D-PAK) when combining the switching and
conduction losses.
For this example, an NTD40N03L is selected as the main MOSFET
(eight total; nMF = 8), with CISS = 584 pF (max) and RDS(MF) = 19 mΩ
(max at TJ = 120°C). An NTD110N02L is selected as the synchro-
nous MOSFET (eight total; nSF = 8), with CISS = 2710 pF (max)
and RDS(SF) = 4.8 mΩ (max at TJ = 120°C). The synchronous
MOSFET CISS is less than 3000 pF, satisfying this requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com