Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489MM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3489MM
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3489MM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3489MM Datasheet HTML 1Page - National Semiconductor (TI) LM3489MM Datasheet HTML 2Page - National Semiconductor (TI) LM3489MM Datasheet HTML 3Page - National Semiconductor (TI) LM3489MM Datasheet HTML 4Page - National Semiconductor (TI) LM3489MM Datasheet HTML 5Page - National Semiconductor (TI) LM3489MM Datasheet HTML 6Page - National Semiconductor (TI) LM3489MM Datasheet HTML 7Page - National Semiconductor (TI) LM3489MM Datasheet HTML 8Page - National Semiconductor (TI) LM3489MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN Voltage
−0.3V to 36V
PGATE Voltage
−0.3V to 36V
FB Voltage
−0.3V to 5V
ISENSE Voltage
−1.0V to 36V
-1V (<100ns)
ADJ Voltage
−0.3V to 36V
EN Voltage (Note 3)
−0.3V to 6V
Maximum Junction Temp.
150˚C
Power Dissipation, T
A = 25˚C
(Note 2)
417mW
ESD Susceptibilty (Note 4)
Human Body Model
2kV
Lead Temperature
Vapor Phase (60 sec.)
Infared (15 sec.)
215˚C
220˚C
Storage Temperature
−65˚C to 150˚C
Operating Ratings (Note 1)
Supply Voltage Range (V
IN)
4.5V to 35V
EN Voltage (max.) (Note 3)
5.5V
Operating Junction Temperature
(T
J)
−40˚C to +125˚C
Electrical Characteristics (Note 5), (Note 6) Specifications in Standard type face are for T
J = 25˚C, and in
bold type face apply over the full Operating Temperature Range (T
J = −40˚C to +125˚C). Unless otherwise specified, VIN =
12V, V
ISNS =VIN − 1V, and VADJ =VIN − 1.1V. Datasheet min/max specification limits are guaranteed by design, test, or sta-
tistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
SHDN
Shutdown input supply current
EN = 0V
7
15
µA
V
EN
Enable threshold voltage
Enable rising
1.15
1.5
1.85
V
V
EN_HYST
Enable threshold hysteresis
130
mV
I
Q
Quiescent Current at ground pin
FB = 1.5V (Not Switching)
280
400
µA
V
FB
(Note 7)
Feedback Voltage
1.223
1.214
1.239
1.255
1.264
V
V
HYST
Comparator Hysteresis
10
14
15
20
mV
V
CL_OFFSET
Current limit comparator offset
V
FB = 1.0V
-20
0
+20
mV
I
CL_ADJ
Current limit ADJ current source
V
FB = 1.5V
3.0
5.5
7.0
µA
T
CL
Current limit one shot off time
V
ADJ = 11.5V
V
ISNS = 11.0V
V
FB = 1.0V
6
9
14
µs
R
PGATE
Driver resistance
Source
I
SOURCE = 100mA
5.5
Ω
Sink
I
SINK = 100mA
8.5
I
PGATE
Driver Output current
Source
V
IN = 7V, PGATE = 3.5V
0.44
A
Sink
VIN = 7V, PGATE = 3.5V
0.1
I
FB
(Note 9)
FB pin Bias Current
V
FB = 1.0V
300
750
nA
T
ONMIN_NOR
Minimum on time in normal
operation
V
ISNS =VADJ + 0.1V
Cload on OUT = 1000pF (Note 10)
100
ns
T
ONMIN_CL
Minimum on time in current limit
V
ISNS =VADJ - 0.1V
VFB = 1.0V
Cload on OUT = 1000pF (Note 10)
200
ns
%V
FB/
∆V
IN
Feedback Voltage Line Regulation
4.5
≤ V
IN
≤ 35V
0.01
%/V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com