Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3489MM
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3489MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3489MM Datasheet HTML 7Page - National Semiconductor (TI) LM3489MM Datasheet HTML 8Page - National Semiconductor (TI) LM3489MM Datasheet HTML 9Page - National Semiconductor (TI) LM3489MM Datasheet HTML 10Page - National Semiconductor (TI) LM3489MM Datasheet HTML 11Page - National Semiconductor (TI) LM3489MM Datasheet HTML 12Page - National Semiconductor (TI) LM3489MM Datasheet HTML 13Page - National Semiconductor (TI) LM3489MM Datasheet HTML 14Page - National Semiconductor (TI) LM3489MM Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Functional Description (Continued)
At high input voltages (>28V) increased undershoot at the
switch node can cause an increase in the current limit
threshold. To avoid this problem, a low Vf Schottky catch
diode must be used (See Catch Diode Selection). Addition-
ally, a resistor can be placed between the ISENSE pin and
the switch node. Any value in the range of 220
Ω to 600Ω is
recommended.
START UP
The current limit circuit is active during start-up. During
start-up the PFET will stay on until either the current limit or
the feedback comparator is tripped
If the current limit comparator is tripped first then the fold
back characteristic should be taken into account. Start-up
into full load may require a higher current limit set point or the
load must be applied after start-up.
One problem with selecting a higher current limit is inrush
current during start-up. Increasing the capacitance (C
ADJ)in
parallel with R
ADJ results in a soft-start characteristic. CADJ
and R
ADJ create an RC time constant forcing current limit to
activate at a lower current. The output voltage will ramp
more slowly when using this technique. There is example
start-up plot for C
ADJ equal to 1nF in the Typical Perfor-
mance Characteristics. Lower values for C
ADJ will have little
to no effect on soft-start.
EXTERNAL SENSE RESISTOR
The V
DS of a PFET will tend to vary significantly over tem-
perature. This will result an equivalent variation in current
limit. To improve current limit accuracy an external sense
resistor can be connected from V
IN to the source of the
PFET, as shown in Figure 5. The current sense resistor, R
CS
should have value comparable with R
DSON of the PFET
used, typically in the range of 50m
Ω to 200 mΩ. The equa-
tion in the Current Limit Operation section can be used by
replacing the R
DSON with RCS.
PGATE
When switching, the PGATE pin swings from VIN (off) to
some voltage below VIN (on). How far the PGATE will swing
depends on several factors including the capacitance, on
time, and input voltage.
PGATE voltage swing will increase with decreasing gate
capacitance. Although PGATE voltage will typically be
around VIN-5V, with very small gate capacitances, this value
can increase to a typical maximum of VIN-8.3V.
Additionally, PGATE swing voltage will increase as on time
increases. During long on times, such as when operating at
100% duty cycle, the PGATE voltage will eventually fall to its
maximum voltage of VIN-8.3V (typical) regardless of the
PFET gate capacitance.
The PGATE voltage will not fall below 0.4V (typical). There-
fore, when the input voltage falls below approximately 9V,
the PGATE swing voltage range will be reduced. At an input
voltage of 7V, for instance, PGATE will swing from 7V to a
minimum of 0.4V.
DEVICE ENABLE, SHUTDOWN
The LM3489 can be remotely shutdown by forcing the en-
able pin to ground. With EN pin grounded, the internal blocks
other than the enable logic are de-activated and the shut-
down current of the device will be lowered to only 7µA
(typical). Releasing the EN pin allows for normal operation to
resume. The EN pin is internally pulled high with the voltage
clamped at 8V typical. For normal operation this pin should
be left open. In case an external voltage source is applied to
this pin for enable control, the applied voltage should not
exceed the maximum operating voltage level specified in this
datasheet, i.e. 5.5V.
ADJUSTABLE UVLO
The under-voltage-lockout function can be implemented as
shown in Figure 6. By incorporating the feature of the inter-
nal enable threshold, the lockout level can be programmed
through an external potential divider formed with R3 and R4.
The input voltage information is detected and compared with
the enable threshold and the device operation will be inhib-
ited when V
IN drops below the preset UVLO level. The UVLO
and hysteresis voltage can be calculated as follows:
20186926
FIGURE 4. Current Limit Fold Back Phenomenon
20186927
FIGURE 5. Current Sensing by External Resistor
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com