Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489MM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3489MM
Description  Hysteretic PFET Buck Controller with Enable Pin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3489MM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3489MM Datasheet HTML 1Page - National Semiconductor (TI) LM3489MM Datasheet HTML 2Page - National Semiconductor (TI) LM3489MM Datasheet HTML 3Page - National Semiconductor (TI) LM3489MM Datasheet HTML 4Page - National Semiconductor (TI) LM3489MM Datasheet HTML 5Page - National Semiconductor (TI) LM3489MM Datasheet HTML 6Page - National Semiconductor (TI) LM3489MM Datasheet HTML 7Page - National Semiconductor (TI) LM3489MM Datasheet HTML 8Page - National Semiconductor (TI) LM3489MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics All curves taken at VIN = 12V with configuration in typical ap-
plication circuit shown in Application Information section of this datasheet. T
J = 25˚C, unless otherwise specified.
Quiescent Current vs Input Voltage
Shutdown Current vs Input Voltage
20186901
20186902
Feedback Voltage vs Temperature
Feedback Voltage Hysteresis vs Input Voltage
20186903
20186904
Feedback Voltage Hysteresis vs Temperature
Current Limit ADJ Current vs Temperature
20186905
20186906
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com