Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB624IPT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSB624IPT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IPT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSB624IPT Datasheet HTML 3Page - STMicroelectronics TSB624IPT Datasheet HTML 4Page - STMicroelectronics TSB624IPT Datasheet HTML 5Page - STMicroelectronics TSB624IPT Datasheet HTML 6Page - STMicroelectronics TSB624IPT Datasheet HTML 7Page - STMicroelectronics TSB624IPT Datasheet HTML 8Page - STMicroelectronics TSB624IPT Datasheet HTML 9Page - STMicroelectronics TSB624IPT Datasheet HTML 10Page - STMicroelectronics TSB624IPT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Table 8. Electrical characteristics VCC+ = 36 V, VCC- = 0 V, Vicm = VCC/2, T = 25 °C, RL = 10 kΩ connected to Vcc/2 (unless
otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
VIO
Input offset voltage
T = 25 °C
-1
1
mV
Tmin < T < Tmax
-1.6
1.6
|∆ VIO/∆T|
Input offset voltage drift
Tmin < T < Tmax
2
µV/°C
IIB
Input bias current
T = 25 °C
15
30
nA
Tmin < T < Tmax
45
IIO
Input offset current
T = 25 °C
3
10
Tmin < T < Tmax
15
CMR
Common mode rejection ratio:
20 log (ΔVicm/ΔVio)
Vicm = -0.1 to VCC -1 V,
VOUT = VCC/2
105
135
dB
Tmin < T < Tmax
100
SVR
Supply voltage rejection ratio:
20 log (ΔVCC/ΔVio)
VCC = 4.5 to 36 V, Vicm = 0 V
100
124
dB
Tmin < T < Tmax
95
AVD
Large signal voltage gain
VOUT = 0.5 V to (VCC -0.5 V)
105
120
dB
Tmin < T < Tmax
100
VOH
High-level output voltage,
VOH = VCC - VOUT
T = 25 °C
110
140
mV
Tmin < T < Tmax
180
VOL
Low-level output voltage
T = 25 °C
125
150
Tmin < T < Tmax
195
IOUT
Isink
VOUT = VCC
35
45
mA
Tmin < T < Tmax
15
Isource
VOUT = 0 V
35
45
Tmin < T < Tmax
25
ICC
Supply current (per channel)
No load, VOUT = VCC/2
310
375
µA
Tmin < T < Tmax
420
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
1.2
1.7
MHz
Tmin < T < Tmax
0.95
Φm
Phase margin
RL = 10 kΩ, CL = 100 pF
45
degrees
Gm
Gain margin
18
dB
SR
Slew rate
T = 25 °C
0.35
0.60
V/µs
Tmin < T < Tmax
0.25
EN
Equivalent input noise voltage
f = 1 kHz
25
nV/√Hz
THD+N
Total harmonic distortion + noise
fin = 1 kHz, Gain = 1, RL = 100 kΩ,
Vicm = (VCC - 1 V) / 2,
BW = 22 kHz, VOUT = 1 Vpp
0.005
%
CS
Channel separation
f = 1 kHz
120
dB
trec
Overload recovery time
2
µs
TSB621, TSB622, TSB624
Electrical characteristics
DS13848 - Rev 3
page 7/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com