Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB624IPT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSB624IPT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IPT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSB624IPT Datasheet HTML 9Page - STMicroelectronics TSB624IPT Datasheet HTML 10Page - STMicroelectronics TSB624IPT Datasheet HTML 11Page - STMicroelectronics TSB624IPT Datasheet HTML 12Page - STMicroelectronics TSB624IPT Datasheet HTML 13Page - STMicroelectronics TSB624IPT Datasheet HTML 14Page - STMicroelectronics TSB624IPT Datasheet HTML 15Page - STMicroelectronics TSB624IPT Datasheet HTML 16Page - STMicroelectronics TSB624IPT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Figure 24. Output source current vs. output voltage at
VCC = 12 V
Figure 25. Output source current vs. output voltage at
VCC = 36 V
Figure 26. Output sink current vs. output voltage at
VCC = 2.7 V
Figure 27. Output sink current vs. output voltage at
VCC = 12 V
TSB621, TSB622, TSB624
Typical performance characteristics
DS13848 - Rev 3
page 13/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com