Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB624IPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSB624IPT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IPT Datasheet(HTML) 1 Page - STMicroelectronics

  TSB624IPT Datasheet HTML 1Page - STMicroelectronics TSB624IPT Datasheet HTML 2Page - STMicroelectronics TSB624IPT Datasheet HTML 3Page - STMicroelectronics TSB624IPT Datasheet HTML 4Page - STMicroelectronics TSB624IPT Datasheet HTML 5Page - STMicroelectronics TSB624IPT Datasheet HTML 6Page - STMicroelectronics TSB624IPT Datasheet HTML 7Page - STMicroelectronics TSB624IPT Datasheet HTML 8Page - STMicroelectronics TSB624IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
•
Low offset voltage: 1 mV max. @ 25 °C
•
Low current consumption: 375 μA max. / operator @ 36 V
•
Wide supply voltage: 2.7 to 36 V
•
Gain bandwidth product: 1.7 MHz
•
Unity gain stable
•
Rail-to-rail output
•
Input common mode voltage incudes ground
•
High ESD tolerance: 4 kV HBM
•
EMI hardened
•
Extended temperature range: -40 to 125 °C
•
Automotive qualification
Applications
•
Industrial
•
Power supplies
•
Automotive
Description
The TSB621, TSB622, TSB624 are general purpose operational amplifiers featuring
an extended supply voltage operating range and rail-to-rail output. They also offer an
excellent speed/power consumption ratio with 1.7 MHz gain bandwidth product while
consuming less than 375 μA per operator at 36 V supply voltage.
The TSB621, TSB622, TSB624 operate over a wide temperature range from -40 °C
to 125 °C making these devices ideal for industrial and automotive applications with
the associated qualification.
Thanks to the small package size, the TSB621, TSB622, TSB624 can be used in
applications where space on the board is limited. It can thus reduce the overall cost
of the PCB.
MiniSO8
SO8
SOT23-5
SO14
TSSOP14
DFN8 (3 x 3 mm)
Maturity status link
TSB621, TSB622, TSB624
Related products
TSB611,
TSB612
For lower power
consumption
TSB571,
TSB572,
TSB514
For higher speed and rail-
to-rail inputs
TSB711,
TSB712
For a higher precision and
speed
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
TSB621, TSB622, TSB624
Datasheet
DS13848 - Rev 3 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSB624IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB622 STMICROELECTRONICS-TSB622 Datasheet
7Mb / 36P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
20-Feb-2024
More results

Similar Description - TSB624IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP186 AD-OP186_15 Datasheet
42Kb / 5P
Ultra Low Power Rail-to-Rail Output Operational Amplifier
REV. 0
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
Low-power, rail-to-rail output, 36 V operational amplifier
17-Aug-2015
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com