Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012ASTZ Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP2012ASTZ
Description  60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2012ASTZ Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP2012ASTZ Datasheet HTML 1Page - Zetex Semiconductors ZXTP2012ASTZ Datasheet HTML 2Page - Zetex Semiconductors ZXTP2012ASTZ Datasheet HTML 3Page - Zetex Semiconductors ZXTP2012ASTZ Datasheet HTML 4Page - Zetex Semiconductors ZXTP2012ASTZ Datasheet HTML 5Page - Zetex Semiconductors ZXTP2012ASTZ Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = -60V : RSAT = 38m ; IC = -3.5A
DESCRIPTION
Packaged in the E-line outline this new low saturation 60V PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
3.5 amps continuous current
Up to 15 amps peak current
Very low saturation voltages
Excellent gain up to 10 amps
APPLICATIONS
DC - DC converters
MOSFET gate drivers
Power switches
Motor control
DEVICE MARKING
ZXT
P20
12
ZXTP2012A
ISSUE 2 - NOVEMBER 2005
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
DEVICE
QUANTITY PER REEL
ZXTP2012ASTOA
ZXTP2012ASTZ
2,000 units / reel
2,000 units / carton
ORDERING INFORMATION
E-line
PINOUT
TOP VIEW


Similar Part No. - ZXTP2012ASTZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2012A DIODES-ZXTP2012A_15 Datasheet
130Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2005
More results

Similar Description - ZXTP2012ASTZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851A ZETEX-ZX5T851A Datasheet
105Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZXTN2010A ZETEX-ZXTN2010A Datasheet
110Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Diodes Incorporated
ZX5T851A DIODES-ZX5T851A Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN2010A DIODES-ZXTN2010A Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZTX750 DIODES-ZTX750_15 Datasheet
375Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
ZX5T851A DIODES-ZX5T851A_15 Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
ZXTN2010A DIODES-ZXTN2010A_15 Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZXTP2012A DIODES-ZXTP2012A_15 Datasheet
130Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com