Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MP7782DF
Description  Mono Bridged Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP7782DF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MP7782DF Datasheet HTML 1Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 2Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 3Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 4Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 5Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 6Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 7Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP7782 – 50W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7782 Rev. 1.2
www.MonolithicPower.com
4
8/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 1, VDD = 24V, TA = +25˚C
100
10
1
0.1
0.01
0.1
1
10
100
OUTPUT POWER (W)
MP7782-EC01
f=1KHz
A-Weighted
+18
+14
+10
+6
+2
-2
-6
-10
-14
-18
-22
20
100
1k
10k
FREQUENCY (Hz)
MP7782-TPC03
-20
-40
-60
-80
-100
-120
-140
-160
-180
100
1K
10K
FREQUENCY (Hz)
MP7782-TPC02
+18
+14
+10
+6
+2
-2
-6
-10
-14
-18
-22
20
100
1k
10k
FREQUENCY (Hz)
MP7782-TPC08
-20
-40
-60
-80
-100
-120
-140
-160
-180
100
1K
10K
FREQUENCY (Hz)
MP7782-TPC07
100
10
1
0.1
0.01
0.1
1
10
100
OUTPUT POWER (W)
MP7782-TPC06
100
10
1
0.1
0.01
20
100
1k
10k
FREQUENCY (Hz)
MP7782-TPC04
100
10
1
0.1
0.01
20
100
1k
10k
FREQUENCY (Hz)
MP7782-TPC05
POUT=1W
f=1KHz
POUT=1W
A-Weighted



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com