Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MP7782DF
Description  Mono Bridged Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP7782DF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MP7782DF Datasheet HTML 1Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 2Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 3Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 4Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 5Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 6Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 7Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP7782 – 50W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7782 Rev. 1.2
www.MonolithicPower.com
6
8/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
Choosing the LC Filter
Two identical LC filters are required in the typical
application. The inductor-capacitor (LC) filter is a
second order filter that converts the pulse train at
SW (pins 14, 19) to the output differential signal
that drives the speaker. Typical values for the LC
filters are shown in Figure 1. The characteristic
frequency of the LC filter needs to be high
enough to allow high frequency audio to reach the
output, yet needs to be low enough to filter out
high frequency contents of the pulses from SW.
The characteristic frequency of the LC filter is:
LC
2
1
f0
π
=
where:
2
L
1
L
L
+
=
,
2
L
1
L
=
12
C
7
C
12
C
7
C
30
C
C
+
×
+
=
,
12
C
7
C
=
The quality factor (Q) of the LC filter is
important. If this is too low, output noise will
increase. If the Q factor is too high, then
peaking may occur at high signal frequencies,
reducing the pass-band flatness. The Q value is
calculated as:
C
L
R
Q
=
Where R is the load (speaker) resistance.
Use an LC filter with a Q between 0.7 and 2.
The actual output ripple and noise is greatly
affected by the type of inductor and capacitor
used in the LC filter. Use a film capacitor and
an inductor with sufficient power handling
capability to supply the output current to the
load. The inductor should exhibit soft saturation
characteristics. If the inductor exhibits hard
saturation, it should operate well below the
saturation current. Gapped ferrite, MPP, Powdered
Iron
or
similar
type
toroidal cores
are
recommended. If open or shielded bobbin
ferrite cores are used, make sure that the start
windings of each inductor line up (all starts
going toward SW pin or all starts going toward
the output) to prevent crosstalk or other
channel-to-channel interference.
Input Coupling Capacitor
The input coupling capacitors, C6 and C9, are
used to pass only the AC audio signal to the
input of the amplifier. In a typical system
application, the source input signal is usually
centered around the circuit ground, while the
MP7782 input is at half the power supply
voltage (VDD/2). The input coupling capacitor
transmits the AC signal from the source to the
MP7782 while blocking the DC voltage. This
input coupling capacitor creates a low-pass filter
with the input resistor of the MP7782. Choose
an input coupling capacitor such that the corner
frequency (fIN) is less than the desired pass-
band frequency.
The formula for the corner frequency is:
6
C
3
R
2
1
fIN
×
×
π
=
3
R
4
R
=
6
C
9
C
=
Where fIN is the -3dB cutoff frequency, R3 and
R6 are the input resistors and C6 and C9 are
the input AC coupling capacitors.
Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source to
supply power to the amplifier. The higher the
power supply voltage provided, the more power
that can be delivered to a given load resistance.
However, if the power source voltage exceeds the
maximum operating voltage of 24V, the MP7782
may sustain damage.
The power supply rejection of the MP7782 is
excellent; however, noise at the power supply
can get to the output, so care must be taken to
minimize power supply noise within the pass-
band frequencies. Bypass the power supply
pins with a large electrolytic capacitor (typically
aluminum electrolytic) along with smaller 1µF
ceramic capacitors at the MP7782 VDD supply
pins.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com