Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MP7782DF
Description  Mono Bridged Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP7782DF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MP7782DF Datasheet HTML 1Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 2Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 3Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 4Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 5Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 6Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 7Page - List of Unclassifed Manufacturers MP7782DF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP7782 – 50W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7782 Rev. 1.2
www.MonolithicPower.com
5
8/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL APPLICATION CIRCUIT
MP7782
NC
FB2
FB1
AGND
NC
EN
FB2
FB1
AGND
EN
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGND1
SW1
VDD1
BS1
NC
PGND2
SW2
VDD2
BS2
NC
AUDIO IN
EN
+
VDD
-
+
C6
1
µF
16V
C1
27pF
C14
27pF
C4
2.2nF
C10
1pF
C13
1pF
C9
1
µF
16V
C2
1000
µF
35V
C3
1
µF
25V
C5
1
µF
D2
6.2V
D4
6.2V
D3A
MBRS130LTR
D3B
OPTIONAL
D5A
MBRS130LTR
D5B
OPTIONAL
C11
1
µF
L1
15
µH
L2 = L1
15
µH
C7
0.22
µF
50V
C30
0.47
µF
50V
C12
0.22
µF
50V
D1
1N4148
D6
1N4148
C8
1
µF
25V
OFF ON
MP7782_F01
GND
C15
390pF
C16
390pF
Figure 1 — 50W Class D BTL Amplifier (VDD = 24V)
APPLICATION INFORMATION
COMPONENT SELECTION
The MP7782 uses a minimum number of external
components to complete a fully bridged Class D
audio amplifier. The circuit in Figure 1 shows a
typical application. Use the following sections to
customize the amplifier for your particular
application.
Setting the Voltage Gain
The voltage gain sets the output voltage swing
for a given input voltage swing and is set by the
following equation:
3
1
V
R
R
A
=
1
R
8
R
=
3
R
4
R
=
The maximum output voltage swing is limited by
the power supply. The MP7782 is a bridged
amplifier
and
the
output
load
is
driven
differentially. Each side of the load is limited to a
maximum
peak-to-peak
voltage
swing
approximately equal to VDD. To achieve the
maximum output power of the MP7782 amplifier,
set the amplifier gain such that the maximum
peak-to-peak input signal results in at least the
maximum peak-to-peak output voltage swing.
Setting the Switching Frequency
The idle switching frequency (the switching
frequency with no audio input signal) is a
function of the supply voltage, VDD, capacitors
C4, C10 and C13 and resistors R1, R3, R4 and
R8. Lower switching frequencies result in more
inductor ripple, causing more quiescent output
voltage ripple, increasing the output noise.
Higher switching frequencies result in more
power loss. The optimum quiescent switching
frequency is approximately 400KHz to 600KHz.
C10 and C13 are typically 1pF to 2.2pF. C4 is
used to program the idle switching frequency.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com