Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI Datasheet(PDF) 174 Page - Microchip Technology

Part # KSZ9567RTXI
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI Datasheet(HTML) 174 Page - Microchip Technology

Back Button KSZ9567RTXI Datasheet HTML 170Page - Microchip Technology KSZ9567RTXI Datasheet HTML 171Page - Microchip Technology KSZ9567RTXI Datasheet HTML 172Page - Microchip Technology KSZ9567RTXI Datasheet HTML 173Page - Microchip Technology KSZ9567RTXI Datasheet HTML 174Page - Microchip Technology KSZ9567RTXI Datasheet HTML 175Page - Microchip Technology KSZ9567RTXI Datasheet HTML 176Page - Microchip Technology KSZ9567RTXI Datasheet HTML 177Page - Microchip Technology KSZ9567RTXI Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 232 page
background image
KSZ9567R
DS00002329D-page 174
 2017-2019 Microchip Technology Inc.
5.2.7.8
Port Police Queue Rate Register
5.2.7.9
Port Police Queue Burst Size Register
5.2.7.10
Port WRED Packet Memory Control Register 0
Address:
0xN820 - 0xN823
Port N: 1-7
Size:
32 bits
Bits
Description
Type
Default
31:16
Committed Information Rate
Specifies the committed information rate for the connection from the Queue
Pointer of the port pointed by the Port index.
R/W
0x1000
15:0
Peak Information Rate
Specifies the queue’s peak information rate for the connection from the Queue
Pointer of the port pointed by the Port index.
R/W
0x2000
Address:
0xN824 - 0xN827
Port N: 1-7
Size:
32 bits
Bits
Description
Type
Default
31:16
Committed Burst Size
Specifies the queue’s committed burst size in bytes that is supported for the
connection from the Queue Pointer of the port pointed by the Port index.
R/W
0x1000
15:0
Peak Information Rate
Specifies the queue’s peak burst size in bytes that is supported for the con-
nection from the Queue Pointer of the port pointed by the Port index.
R/W
0x3000
Address:
0xN830 - 0xN833
Port N: 1-7
Size:
32 bits
Bits
Description
Type
Default
31:27
RESERVED
RO
00000b
26:16
WRED Packet Memory Maximum Threshold
R/W
0x400
15:11
RESERVED
RO
00000b
10:0
WRED Packet Memory Minimum Threshold
R/W
0x080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com