Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI Datasheet(PDF) 58 Page - Microchip Technology

Part # KSZ9567RTXI
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI Datasheet(HTML) 58 Page - Microchip Technology

Back Button KSZ9567RTXI Datasheet HTML 54Page - Microchip Technology KSZ9567RTXI Datasheet HTML 55Page - Microchip Technology KSZ9567RTXI Datasheet HTML 56Page - Microchip Technology KSZ9567RTXI Datasheet HTML 57Page - Microchip Technology KSZ9567RTXI Datasheet HTML 58Page - Microchip Technology KSZ9567RTXI Datasheet HTML 59Page - Microchip Technology KSZ9567RTXI Datasheet HTML 60Page - Microchip Technology KSZ9567RTXI Datasheet HTML 61Page - Microchip Technology KSZ9567RTXI Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 232 page
background image
KSZ9567R
DS00002329D-page 58
 2017-2019 Microchip Technology Inc.
As shown in Figure 4-25, there are two commands: register read and register write. Figure 4-11 and Figure 4-12 show
the timing for these two operations.
Note 4-8
TA bits are turn-around bits. They are “don't care” bits.
4.11.2
I2C BUS
The management interface may be configured to be an I2C slave. In this mode, an I2C master has complete program-
ming access to the device's internal control and status registers, including all MIB counters, address lookup tables,
VLAN table and ACL table.
The 7-bit device address is fixed as 1011_111. Because of the fixed address, only one KSZ9567R may be on the I2C
bus at a time. The R/W control bit is then appended as the least significant bit to form these 8-bit address/control words:
1011_1110 <write>
1011_1111 <read>
TABLE 4-25:
REGISTER ACCESS USING THE SPI INTERFACE
SPI Operation
Command/Address Phase (SDI pin)
TA bits
(Note 4-8)
Data Phase
(SDO or SDI pins)
Command
Register Address
Register Read
011
A23 A22 A21 A20 … A7 A6 A5 A4 A3 A2 A1 A0 XXXXX D7 D6 D5 D4 D3 D2 D1 D0
Register Write
010
A23 A22 A21 A20 … A7 A6 A5 A4 A3 A2 A1 A0 XXXXX D7 D6 D5 D4 D3 D2 D1 D0
Note:
The actual device address space is 16 bits (A15 - A0), so the values of address bits A23 - A16 in the SPI
command/address phase are “don't care”.
FIGURE 4-11:
SPI REGISTER READ OPERATION
FIGURE 4-12:
SPI REGISTER WRITE OPERATION
SCS_N
SCL
SDI
(MOSI)
SDO
(MISO)
Read
Command
Read Address
TurnAround
D0
D1
D2
D3
D4
D5
D6
D7
TA
TA
TA
TA
TA
A1 A0
A2
A3
A4
A5
A6
A7
A9
A10
A11
A8
A12
A13
A14
A15
A17 A16
A18
01
1
A20 A19
A22 A21
A23
12
3456789
10
11
12 13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
Read Data
SCS_N
SCL
SDI
(MOSI)
SDO
(MISO)
Write
Command
Write Address
Write Data
TurnAround
12
3456789
10
11
12 13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
D0
D1
D2
D3
D4
D5
D6
D7
TA
TA
TA
TA
TA
A1 A0
A2
A3
A4
A5
A6
A7
A9
A10
A11
A8
A12
A13
A14
A15
A17 A16
A18
00
1
A20 A19
A22 A21
A23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com