Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI Datasheet(PDF) 64 Page - Microchip Technology

Part # KSZ9567RTXI
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI Datasheet(HTML) 64 Page - Microchip Technology

Back Button KSZ9567RTXI Datasheet HTML 60Page - Microchip Technology KSZ9567RTXI Datasheet HTML 61Page - Microchip Technology KSZ9567RTXI Datasheet HTML 62Page - Microchip Technology KSZ9567RTXI Datasheet HTML 63Page - Microchip Technology KSZ9567RTXI Datasheet HTML 64Page - Microchip Technology KSZ9567RTXI Datasheet HTML 65Page - Microchip Technology KSZ9567RTXI Datasheet HTML 66Page - Microchip Technology KSZ9567RTXI Datasheet HTML 67Page - Microchip Technology KSZ9567RTXI Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 232 page
background image
KSZ9567R
DS00002329D-page 64
 2017-2019 Microchip Technology Inc.
• Supports network data rates of either 10Mbps or 100Mbps.
• Uses a single 50MHz clock reference (provided internally or externally) for both transmit and receive data.
• Uses independent 2-bit wide transmit and receive data paths.
• Contains two distinct groups of signals: one for transmission and the other for reception.
The user selects one of the two RMII clocking modes by setting the appropriate strapping option. The clocking mode is
selected separately for ports 6 and 7.
While in RMII Normal Mode, the port will require an external 50MHz signal to be input to TX_CLKx/REFCLKIx from an
external source. This mode is selected by strapping the appropriate pin (RXD6_1 for port 6; RXD7_1 for port 7) high
during reset.
While in RMII Clock Mode, the port will output a 50MHz clock on RX_CLKx/REFCLKOx, which is derived from the
25MHz crystal or oscillator attached to the XI clock input. The TX_CLKx/REFCLKIx input is unused in this mode. This
mode is selected by strapping the appropriate pin (RXD6_1 for port 6; RXD7_1 for port 7) low during reset.
Refer to Section 3.2.1, "Configuration Straps," on page 16 for additional configuration strap information.
Table 4-30 describes the signals used by the RMII interface. Refer to the RMII specification for full details on the signal
descriptions.
A device port in RMII mode may connect to either an external MAC device (such as a host processor) or to an external
PHY; but unlike MII, RMII does not provide separate PHY and MAC modes of operation. However, it is necessary to
connect the pins properly.
TABLE 4-30:
RMII SIGNAL DESCRIPTIONS
RMII Signal
Name
(per spec)
RMII Signal
(per KSZ9567R)
Pin Direction
(with respect to
PHY, KSZ9567R)
Pin Direction
(with respect to
MAC)
RMII Signal Description
REF_CLK
REFCLKI6
REFCLKI7
Input
Input or Output
Synchronous 50MHz reference clock,
when port is in RMII Normal Mode
n/a
REFCLKO6
REFCLKO7
Output
Input
Synchronous 50MHz reference clock,
when port is in RMII Clock Mode
TX_EN
TX_EN6
TX_EN7
Input
Output
Transmit Enable
TXD[1:0]
TXD6_[1:0]
TXD7_[1:0]
Input
Output
Transmit Data Bit [1:0]
CRS_DV
RX_DV6
RX_DV7
Output
Input
Carrier Sense / Receive Data Valid
RX_ER
RX_ER6
RX_ER7
Output
Input or
not required
Receive Error
RXD[1:0]
RXD6_[1:0]
RXD7_[1:0]
Output
Input
Receive Data Bit [1:0]
TABLE 4-31:
RMII CONNECTION TO EXTERNAL MAC
RMII Interface Signals Description
KSZ9567R Signals
External MAC Device Signals
Transmit Enable
TX_ENx (input)
TX_EN (output)
Transmit Data Bits [1:0]
TXDx_[1:0] (input)
TXD[1:0] (output)
Reference Clock
REFCLKIx (input)
or REFCLKOx (output)
REF_CLK
(input or output)
Carrier Sense Data Valid
RX_DVx (output)
CRS_DV (input)
Receive Error
RX_ERx (output)
RX_ER (input)
Receive Data Bits [1:0]
RXDx_[1:0] (output)
RXD[1:0] (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com