Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI Datasheet(PDF) 12 Page - Microchip Technology

Part # KSZ9567RTXI
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI Datasheet(HTML) 12 Page - Microchip Technology

Back Button KSZ9567RTXI Datasheet HTML 8Page - Microchip Technology KSZ9567RTXI Datasheet HTML 9Page - Microchip Technology KSZ9567RTXI Datasheet HTML 10Page - Microchip Technology KSZ9567RTXI Datasheet HTML 11Page - Microchip Technology KSZ9567RTXI Datasheet HTML 12Page - Microchip Technology KSZ9567RTXI Datasheet HTML 13Page - Microchip Technology KSZ9567RTXI Datasheet HTML 14Page - Microchip Technology KSZ9567RTXI Datasheet HTML 15Page - Microchip Technology KSZ9567RTXI Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 232 page
background image
KSZ9567R
DS00002329D-page 12
 2017-2019 Microchip Technology Inc.
Port 7-6
Collision Detect
COL[7:6]
IPD/O8
MII Mode: Port 7-6 Collision Detect. In PHY mode this pin
is an output, in MAC mode it is an input.
RMII/RGMII Modes: Not used. Do not connect this pin in
these modes of operation.
Port 7-6
Transmit Data 3
TXD[7:6]_3
IPD
MII/RGMII Modes: Port 7-6 Transmit Data bus bit 3.
RMII Mode: Not used. Do not connect this pin in this mode
of operation.
Port 7-6
Transmit Data 2
TXD[7:6]_2
IPD
MII/RGMII Modes: Port 7-6 Transmit Data bus bit 2.
RMII Mode: Not used. Do not connect this pin in this mode
of operation.
Port 7-6
Transmit Data 1
TXD[7:6]_1
IPD
MII/RMII/RGMII Modes: Port 7-6 Transmit Data bus bit 1.
Port 7-6
Transmit Data 0
TXD[7:6]_0
IPD
MII/RMII/RGMII Modes: Port 7-6 Transmit Data bus bit 0.
Port 7-6
Receive/
Reference
Clock
RX_CLK[7:6]/
REFCLKO[7:6]
I/O24
MII Mode: RX_CLK[7:6] is the Port 7-6 25/2.5MHz
Receive Clock. In PHY mode this pin is an output, in MAC
mode it is an input.
RMII Mode: REFCLKO[7:6] is the Port 7-6 50MHz Refer-
ence Clock output when in RMII Clock mode. This pin is
unused when in RMII Normal mode.
RGMII Mode: RX_CLK[7:6] is the Port 7-6 125/25/2.5MHz
Receive Clock output.
Port 7-6
Receive Data
Valid / Carrier
Sense / Control
RX_DV[7:6]/
CRS_DV[7:6]/
RX_CTL[7:6]
IPD/O24
MII Mode: RX_DV[7:6] is the Port 7-6 Received Data Valid
output.
RMII Mode: CRS_DV[7:6] is the Carrier Sense / Receive
Data Valid output.
RGMII Mode: RX_CTL[7:6] is the Receive Control output.
Note:
The RX_DV7/CRS_DV7/RX_CTL7 pin also pro-
vides configuration strap functions during hard-
ware/software resets. Refer to Section 3.2.1,
"Configuration Straps" for additional information.
Port 7-6
Receive Error
RX_ER[7:6]
IPD/O24
MII Mode: Port 7-6 Receive Error output.
RMII/RGMII Modes: Not used. Do not connect this pin in
these modes of operation.
Port 7-6
Carrier Sense
CRS[7:6]
IPD/O8
MII Mode: Port 7-6 Carrier Sense. In PHY mode this pin is
an output, in MAC mode it is an input.
RMII/RGMII Modes: Not used. Do not connect this pin in
these modes of operation.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com