Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI Datasheet(PDF) 203 Page - Microchip Technology

Part # KSZ9567RTXI
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI Datasheet(HTML) 203 Page - Microchip Technology

Back Button KSZ9567RTXI Datasheet HTML 199Page - Microchip Technology KSZ9567RTXI Datasheet HTML 200Page - Microchip Technology KSZ9567RTXI Datasheet HTML 201Page - Microchip Technology KSZ9567RTXI Datasheet HTML 202Page - Microchip Technology KSZ9567RTXI Datasheet HTML 203Page - Microchip Technology KSZ9567RTXI Datasheet HTML 204Page - Microchip Technology KSZ9567RTXI Datasheet HTML 205Page - Microchip Technology KSZ9567RTXI Datasheet HTML 206Page - Microchip Technology KSZ9567RTXI Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 203
KSZ9567R
6.3
Electrical Characteristics
TA = 25oC.
TABLE 6-1:
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Current - Full 1000 Mbps Operation
IDD_AH
AVDDH supply current
VDDIO @ 3.3V
Ports 1-5 in 1000BASE-T
Ports 6 & 7 in RGMII
(1000 Mbps)
All ports 100% utilization
330
mA
IDD_IO
VDDIO supply current
80
mA
IDD_CA
AVDDL supply current
460
mA
IDD_CD
DVDDL supply current
750
mA
Supply Current - Mixed 1000/100 Mbps Operation
IDD_AH
AVDDH supply current
VDDIO @ 3.3V
Ports 1-5 in 100BASE-TX
Ports 6 & 7 in RGMII
(1000 Mbps)
All ports 100% utilization
150
mA
IDD_IO
VDDIO supply current
80
mA
IDD_CA
AVDDL supply current
140
mA
IDD_CD
DVDDL supply current
350
mA
Supply Current - Full 100 Mbps Operation
IDD_AH
AVDDH supply current
VDDIO @ 3.3V
Ports 1-5 in 100BASE-TX
Ports 6 & 7 in MII
(100 Mbps)
All ports 100% utilization
140
mA
IDD_IO
VDDIO supply current
35
mA
IDD_CA
AVDDL supply current
140
mA
IDD_CD
DVDDL supply current
350
mA
Supply Current - Full 10 Mbps Operation
IDD_AH
AVDDH supply current
VDDIO @ 3.3V
Ports 1-5 in 10BASE-Te
Ports 6 & 7 in MII (10 Mbps)
All ports 100% utilization
100
mA
IDD_IO
VDDIO supply current (3.3V)
30
mA
IDD_CA
AVDDL supply current
30
mA
IDD_CD
DVDDL supply current
150
mA
Supply Current - Power Management - Energy Detect Mode
IDD_AH
AVDDH supply current
20
mA
IDD_IO
VDDIO supply current (3.3V)
30
mA
IDD_CA
AVDDL supply current
30
mA
IDD_CD
DVDDL supply current
150
mA
Supply Current - Power Management - Global Soft Power Down Mode
IDD_AH
AVDDH supply current
2
mA
IDD_IO
VDDIO supply current (3.3V)
6
mA
IDD_CA
AVDDL supply current
0.01
mA
IDD_CD
DVDDL supply current
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com