Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI-TR Datasheet(PDF) 228 Page - Microchip Technology

Part # KSZ9567RTXI-TR
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI-TR Datasheet(HTML) 228 Page - Microchip Technology

Back Button KSZ9567RTXI-TR Datasheet HTML 224Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 225Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 226Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 227Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 228Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 229Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 230Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 231Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 232Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 228 / 232 page
background image
KSZ9567R
DS00002329D-page 228
 2017-2019 Microchip Technology Inc.
Section 5.4, "MDIO Manage-
able Device (MMD) Regis-
ters (Indirect)," on page 200
Corrected the MMD register read example.
Table 6-2, "RGMII Timing
Values"
Revised minimum RGMII TSKEW parameter.
Table 3-3, "Configuration
Strap Descriptions"
Corrected swapping of LED2_0 and LED4_0,
added notes in strapping. Corrected RXD6_0 and
RXD7_0 in strapping table.
DS00002329B (03-10-17)
Section 4.1.10, "Remote
PHY Loopback," on page 23
Added new section.
Section 4.4.5.1, "Two Rate
Three Color Marker," on
page 36
Added new section.
Section 4.4.5.2, "Weighted
Random Early Detection
(WRED)," on page 36
Updated section with additional information.
Section 4.11.3, "MII Man-
agement (MIIM) Interface,"
on page 59, Section
4.11.3.1, "Standard MIIM
Registers (Direct)", Section
4.11.3.2, "MDIO Manage-
able Device (MMD) Regis-
ters (Indirect)"
Added additional information to end of section.
Added new subsections on Standard MIIM and
MMD registers.
Section 5.4, "MDIO Manage-
able Device (MMD) Regis-
ters (Indirect)," on page 200
Added new section.
Section 5.2.7.8, "Port Police
Queue Rate Register," on
page 174 through Section
5.2.7.14, "Port WRED
Queue Performance Moni-
tor Control Register," on
page 176
Added new register definitions.
Section 6.4.1, "RGMII Tim-
ing," on page 206
Updated RGMII timing diagrams and data.
Table 1-2, “Buffer Types,” on
page 6, Table 3-2, “Pin
Descriptions,” on page 11,
Table 6-1, “Electrical Char-
acteristics,” on page 203
Updated/Clarified pin buffer type information.
DS00002329A (01-13-17)
Initial Document Release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com