Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI-TR Datasheet(PDF) 11 Page - Microchip Technology

Part # KSZ9567RTXI-TR
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI-TR Datasheet(HTML) 11 Page - Microchip Technology

Back Button KSZ9567RTXI-TR Datasheet HTML 7Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 8Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 9Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 10Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 11Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 12Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 13Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 14Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 11
KSZ9567R
3.2
Pin Descriptions
This sections details the functions of the various device signals.
TABLE 3-2:
PIN DESCRIPTIONS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
Ports 5-1 Gigabit Ethernet Pins
Port 5-1
Ethernet TX/RX
Pair A +
TXRX[5:1]P_A
AIO
Port 5-1 1000BASE-T Differential Data Pair A (+)
Note:
100BASE-TX and 10BASE-Te are also sup-
ported on the A and B pairs.
Port 5-1
Ethernet TX/RX
Pair A -
TXRX[5:1]M_A
AIO
Port 5-1 1000BASE-T Differential Data Pair A (-)
Note:
100BASE-TX and 10BASE-Te are also sup-
ported on the A and B pairs.
Port 5-1
Ethernet TX/RX
Pair B +
TXRX[5:1]P_B
AIO
Port 5-1 1000BASE-T Differential Data Pair B (+)
Note:
100BASE-TX and 10BASE-Te are also sup-
ported on the A and B pairs.
Port 5-1
Ethernet TX/RX
Pair B -
TXRX[5:1]M_B
AIO
Port 5-1 1000BASE-T Differential Data Pair B (-)
Note:
100BASE-TX and 10BASE-Te are also sup-
ported on the A and B pairs.
Port 5-1
Ethernet TX/RX
Pair C +
TXRX[5:1]P_C
AIO
Port 5-1 1000BASE-T Differential Data Pair C (+)
Port 5-1
Ethernet TX/RX
Pair C -
TXRX[5:1]M_C
AIO
Port 5-1 1000BASE-T Differential Data Pair C (-)
Port 5-1
Ethernet TX/RX
Pair D +
TXRX[5:1]P_D
AIO
Port 5-1 1000BASE-T Differential Data Pair D (+)
Port 5-1
Ethernet TX/RX
Pair D -
TXRX[5:1]M_D
AIO
Port 5-1 1000BASE-T Differential Data Pair D (-)
Ports 7-6 RGMII/MII/RMII Pins
Port 7-6
Transmit/
Reference
Clock
TX_CLK[7:6]/
REFCLKI[7:6]
I/O8
MII Mode: TX_CLK[7:6] is the Port 7-6 25/2.5MHz Trans-
mit Clock. In PHY mode this pin is an output, in MAC mode
it is an input.
RMII Mode: REFCLKI[7:6] is the Port 7-6 50MHz Refer-
ence Clock input when in RMII Normal mode. This pin is
unused when in RMII Clock mode.
RGMII Mode: TX_CLK[7:6] is the Port 7-6 125/25/2.5MHz
Transmit Clock input.
Port 7-6
Transmit
Enable/Control
TX_EN[7:6]/
TX_CTL[7:6]
IPD
MII/RMII Modes: TX_EN[7:6] is the Port 7-6 Transmit
Enable.
RGMII Mode: TX_CTL[7:6] is the Port 7-6 Transmit Con-
trol.
Port 7-6
Transmit Error
TX_ER[7:6]
IPD
MII Mode: Port 7-6 Transmit Error input.
RMII/RGMII Modes: Not used. Do not connect this pin in
these modes of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com