Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI-TR Datasheet(PDF) 55 Page - Microchip Technology

Part # KSZ9567RTXI-TR
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI-TR Datasheet(HTML) 55 Page - Microchip Technology

Back Button KSZ9567RTXI-TR Datasheet HTML 51Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 52Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 53Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 54Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 55Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 56Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 57Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 58Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 55
KSZ9567R
4.9
Power
The KSZ9567R requires two to three supply voltages. The device core operates from a 1.2V supply (DVDDL and
AVDDL). The PHY transceivers and XI/XO crystal/clock interface operate from a 2.5V supply (AVDDH). The digital I/
O's can be operated from 1.8V, 2.5V or 3.3V (VDDIO). The digital I/Os powered from VDDIO include RGMII, RMII, MII,
SPI, I2C, MIIM, LED, RESET_N, PME_N, INTRP_N and SYNCLKO. An example power connection diagram can be
seen in Figure 4-10.
4.10
Power Management
The device supports enhanced power management features in a low-power state with energy detection to ensure low-
power dissipation during device idle periods. There are three operation modes under the power management function
which are implemented globally (i.e., applying to all ports):
• Normal Operation Mode
• Energy Detect Mode
• Global Soft Power Down Mode
Table 4-24 summarizes all internal function blocks status under the three power-management operation modes.
FIGURE 4-10:
POWER CONNECTION DIAGRAM
0.1µF
22µF
0.1µF
VDDIO
VDDIO
VDDIO
AVDDH
AVDDH
AVDDH
AVDDH
AVDDH
AVDDH
AVDDH
DVDDL
AVDDL
AVDDL
AVDDL
AVDDL
AVDDL
AVDDL
AVDDL
AVDDL
AVDDL
DVDDL
DVDDL
DVDDL
DVDDL
DVDDL
DVDDL
DVDDL
GND
GND
GND
GND
GND
GND
GND
(exposed pad)
+1.8V, 2.5V or 3.3V
+2.5V
+1.2V
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
22µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
22µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com