Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI-TR Datasheet(PDF) 61 Page - Microchip Technology

Part # KSZ9567RTXI-TR
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI-TR Datasheet(HTML) 61 Page - Microchip Technology

Back Button KSZ9567RTXI-TR Datasheet HTML 57Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 58Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 59Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 60Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 61Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 62Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 63Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 64Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 61
KSZ9567R
4.11.3.2
MDIO Manageable Device (MMD) Registers (Indirect)
The MIIM interface provides indirect access to a set of MMD registers as defined in Section 5.4, "MDIO Manageable
Device (MMD) Registers (Indirect)," on page 200.
4.12
In-Band Management
The in-band management access (IBA) is a feature that provides full register read and write access via any one of the
seven data ports. Port 7 is the default IBA port. The in-band feature is enabled or disabled by a strapping option at
power-up and reset. To use a different port instead of port 7 for IBA, the SPI or I2C interface or IBA must be used to
write to a control register. IBA may not be used on more than one port at a time, but the IBA port can still be used for
sending and receiving non-IBA traffic.
In-band management frames are processed differently from normal network frames. They are recognized as special
frames, so address and VID lookup, VLAN tagging, source address filtering, un-tag discard, tagged frame drop, etc. are
not applied to them. Received in-band management frames are never forwarded to the switch fabric or to any other port.
The In-Band Management (IBA) Control Register is used to enable and control the IBA feature and to specify one of the
seven ports as the IBA port.
The IBA frame format is shown in Figure 4-17. The layer 2 portion of the IBA frame contains normal destination address
(DA) and source address (SA) fields. The DA of the frames are defined to be the switch MAC address (default 00-10-
A1-FF-FF-FF), and the SA is the MAC address of the source device. The DA and SA will be swapped in the response
frame. A special 4-byte IBA tag follows the SA. This is then followed by the 2-byte EtherType/Length field that serves to
identify this as an IBA frame.
Only one IBA frame can be processed at a time. Any subsequent IBA frames received by the device will be dropped
unless the most recent response frame has been fully transmitted.
There are six types of read/write commands: READ, WRITE, WAIT on 0, WAIT on 1, MODIFY to 0 and MODIFY to 1.
The minimum IBA read or write size is 32-bits. There is no IBA option for 8-bit or 16-bit transfers.
The burst commands offer fast and bundled data return, up to the capacity of the IBA frame buffer. There are two types
of operations in burst command: READ burst and Write burst.
Vendor-Specific Registers
10h
-
RESERVED
11h
0xN122 - 0xN123
PHY Remote Loopback Register
12h
0xN124 - 0xN125
PHY LinkMD Register
13h
0xN126 - 0xN127
PHY Digital PMA/PCS Status Register
14h
-
RESERVED
15h
0xN12A - 0xN12B
Port RXER Count Register
16h-1Ah
-
RESERVED
1Bh
0xN136 - 0xN137
Port Interrupt Control / Status Register
1Ch
0xN138 - 0xN139
PHY Auto MDI / MDI-X Register
1Dh-1Eh
-
RESERVED
1Fh
0xN13E - 0xN13F
PHY Control Register
TABLE 4-27:
STANDARD MIIM REGISTERS (CONTINUED)
MIIM Standard
Register Address
(hex)
Port N
Register Address
(hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com