Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567RTXI-TR Datasheet(PDF) 111 Page - Microchip Technology

Part # KSZ9567RTXI-TR
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI-TR Datasheet(HTML) 111 Page - Microchip Technology

Back Button KSZ9567RTXI-TR Datasheet HTML 107Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 108Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 109Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 110Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 111Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 112Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 113Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 114Page - Microchip Technology KSZ9567RTXI-TR Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 111
KSZ9567R
5.1.5.10
ALU / Static Address Table Entry 1 Register
This register contains the table entry values for read and write operations to the Address Lookup Table and Static
Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following
sections:
• ALU Table Entry 1 Register on page 191
• Static Address Table Entry 1 Register on page 193
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188 and Section 5.3.2, "Static Address Table," on
page 192 for additional information.
5.1.5.11
ALU / Static Address / Reserved Multicast Table Entry 2 Register
The field definitions of this register differ dependent on the table type used, as defined in the following sections:
• ALU Table Entry 2 Register on page 191
• Static Address Table Entry 2 Register on page 193
• Reserved Multicast Address Table Entry 2 Register on page 195
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188, Section 5.3.2, "Static Address Table," on page 192,
and Section 5.3.3, "Reserved Multicast Address Table," on page 194 for additional information.
5.1.5.12
ALU / Static Address Table Entry 3 Register
The field definitions of this register differ dependent on the table type used, as defined in the following sections:
• ALU Table Entry 3 Register on page 192
• Static Address Table Entry 3 Register on page 194
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188 and Section 5.3.2, "Static Address Table," on
page 192 for additional information.
5.1.5.13
ALU / Static Address Table Entry 4 Register
This register contains the table entry values for read and write operations to the Address Lookup Table and Static
Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following
sections:
• ALU Table Entry 4 Register on page 192
• Static Address Table Entry 4 Register on page 194
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188 and Section 5.3.2, "Static Address Table," on
page 192 for additional information.
Address:
0x0420 - 0x0423
Size:
32 bits
Address:
0x0424 - 0x0427
Size:
32 bits
Address:
0x0428 - 0x042B
Size:
32 bits
Address:
0x042C - 0x042F
Size:
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com