Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M650YMP Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC33M650YMP
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650YMP Datasheet(HTML) 2 Page - Microchip Technology

  MIC33M650YMP Datasheet HTML 1Page - Microchip Technology MIC33M650YMP Datasheet HTML 2Page - Microchip Technology MIC33M650YMP Datasheet HTML 3Page - Microchip Technology MIC33M650YMP Datasheet HTML 4Page - Microchip Technology MIC33M650YMP Datasheet HTML 5Page - Microchip Technology MIC33M650YMP Datasheet HTML 6Page - Microchip Technology MIC33M650YMP Datasheet HTML 7Page - Microchip Technology MIC33M650YMP Datasheet HTML 8Page - Microchip Technology MIC33M650YMP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MIC33M650
DS20006253A-page 2
 2019 Microchip Technology Inc.
Package Type
Typical Application
MIC33M650
53-pin B1QFN 6 mm x 10 mm
(Top View)
EP_PGND
EP_SW
EP_PGND
EP_OUT
47
48
49
50
51
52
20
53
21
22
23
24
25
26
27
OUT
OUT
OUT
PGND
PGND
SW
SW
SW
AUX_PVIN
AGND
VOUT
PG
EN
VSEL1
AUX_AGND
* Includes Exposed Thermal Pads (EP); see Table 3-1.
SW
VOUT
1.0V/6A
AUX_PVIN
VSEL2
VSEL2
PVIN
47 µF
PG
VOUT
Power Good
PGND
VSEL1
VSEL1
EN
EN
SVIN
OUT
47 µF
AUX_AGND
AGND
10 µF
Opt.
R1
100k
VIN
VIN
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com