Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M650YMP Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC33M650YMP
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650YMP Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC33M650YMP Datasheet HTML 3Page - Microchip Technology MIC33M650YMP Datasheet HTML 4Page - Microchip Technology MIC33M650YMP Datasheet HTML 5Page - Microchip Technology MIC33M650YMP Datasheet HTML 6Page - Microchip Technology MIC33M650YMP Datasheet HTML 7Page - Microchip Technology MIC33M650YMP Datasheet HTML 8Page - Microchip Technology MIC33M650YMP Datasheet HTML 9Page - Microchip Technology MIC33M650YMP Datasheet HTML 10Page - Microchip Technology MIC33M650YMP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006253A-page 7
MIC33M650
TON Control/Switching Frequency
Switching On Time
TON
—180
—
ns
VIN =5V, VOUT =1V
Switching Frequency
FREQ
—
1.2
—
MHz
VOUT = 1.0V, IOUT =3A,
L= 0.47 µH
—1.1
—
VOUT = 3.3V, IOUT =3A,
L= 0.47 µH
Maximum Duty Cycle
DCMAX
—
100
%
Short-Circuit Protection
High-Side MOSFET
Forward Current Limit
ILIM_HS
810
12
A
Note 2
Low-Side MOSFET Forward
Current Limit
ILIM_LS
—8
—
A
Note 2
Low-Side MOSFET
Negative Current Limit
ILIM_NEG
-2
-3
-4
A
Note 2
N-Channel Zero-Crossing
Threshold
IZC_TH
—0.9
—
A
Current Limit Events before
Hiccup
HICCUP
—
8
—
Cycles
Hiccup Period before
Restart
——
1
—
ms
Internal MOSFETs
High-Side On-Resistance
RDS-ON-HS
—30
60
mΩ
ISW =1A
Low-Side On-Resistance
RDS-ON-LS
—16
40
mΩ
ISW =-1A
Output Discharge
Resistance
RDS-ON-DSC
—10
50
Ω
VEN =0V, VSW =5.5V,
from VOUT to PGND
SW Leakage Current
ILEAK_SW
—1
10
µA
PVIN = 5.5V, VSW =0V,
VEN =0V
Power Good
PG Threshold
PG_TH
87
91
95
%VOUT VOUT Rising (Good)
PG Hysteresis
PG_HYS
—
4
—
%VOUT VFB =VREF, VPG =5.5V
PG Blanking Time
PG_BLANK
—
65
—
µs
PG Output Leakage Current
PG_LEAK
—
30
300
nA
PG Sink Low Voltage
PG_SINKV
—
—
200
mV
VFB =0V, VPG =5.5V,
IPG =10mA
Thermal Shutdown
Thermal Shutdown
TSHDN
—+165
—
°C
TJ rising
Thermal Shutdown
Hysteresis
TSHDN_HYST
—+22
—
°C
TJ falling
Thermal Latch-Off Soft Start
Cycles
TH_LATCH
—
4
—
Cycles
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Specifications: Unless otherwise specified, PVIN =5V; VOUT =1V; COUT =2 x47µF; TA =+25°C.
Boldface values indicate -40°C
 TJ  +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
Tested in open loop. The closed-loop current limit is affected by the inductance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com