Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M650YMP Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC33M650YMP
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650YMP Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC33M650YMP Datasheet HTML 9Page - Microchip Technology MIC33M650YMP Datasheet HTML 10Page - Microchip Technology MIC33M650YMP Datasheet HTML 11Page - Microchip Technology MIC33M650YMP Datasheet HTML 12Page - Microchip Technology MIC33M650YMP Datasheet HTML 13Page - Microchip Technology MIC33M650YMP Datasheet HTML 14Page - Microchip Technology MIC33M650YMP Datasheet HTML 15Page - Microchip Technology MIC33M650YMP Datasheet HTML 16Page - Microchip Technology MIC33M650YMP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006253A-page 13
MIC33M650
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
2, 3, 4, 5, 23, 24, 39, 40
PGND
Power Ground. PGND is the ground path for the MIC33M650
power module.
1, 53
AUX_PVIN
Auxiliary Power Input Voltage Pin. Connect externally to PVIN.
6, 7, 8, 9, 10, 11, 12,
13, 14, 15, 16, 17, 18,
19, 20, 21, 22
SW
Switch Node Pin. SW connects to the internal MOSFETs and
inductor. Do not connect any external load to this point.
41, 42
PVIN
Power Supply Voltage Pin.
25, 26, 27, 28, 29, 30,
31, 32, 33, 34, 35, 36,
37, 38
OUT
Output Side Connection Pin.
43, 44
SVIN
Analog Voltage Input Pin. SVIN is the power to the internal
reference and control sections of the MIC33M650. Internally
connected to PVIN through a 10W resistor.
46, 47
AUX_AGND
Auxiliary Analog Ground Pin. Connect externally to AGND.
45
VSEL2
Output Voltage Selection Control 2 (Input) Pin. The logic state of
VSEL1 and VSEL2 selects the output voltage. This input has three
digital states: High, Low and Floating.
48
VSEL1
Output Voltage Selection Control 1 (Input) Pin. The logic state of
VSEL1 and VSEL2 selects the output voltage. This input has three
digital states: High, Low and Floating.
49
EN
Enable (Input) Pin. Logic high enables the operation of the
regulator. The EN pin should not be left floating.
50
PG
Power Good (Output) Pin. This is an open-drain output that
indicates when the output voltage is higher than the 91% limit.
51
VOUT
Output Voltage Sense (Input) Pin. This pin is used to remote
sense the output voltage. Connect VOUT as close to the output
capacitor as possible to sense the output voltage.
52
AGND
Analog Ground Pin. AGND is the internal signal ground for all
low-power circuits.
54
EP_OUT
Exposed Thermal Pad. Internally connected to OUT.
55
EP_SW
Exposed Thermal Pad. Internally connected to SW.
56
EP_PGND
Exposed Thermal Pad. Internally connected to PGND.
57
EP_PVIN
Exposed Thermal Pad. Internally connected to PVIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com