Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F299 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F299
Description  8-bit universal shift/storage register 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F299 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F299 Datasheet HTML 1Page - NXP Semiconductors 74F299 Datasheet HTML 2Page - NXP Semiconductors 74F299 Datasheet HTML 3Page - NXP Semiconductors 74F299 Datasheet HTML 4Page - NXP Semiconductors 74F299 Datasheet HTML 5Page - NXP Semiconductors 74F299 Datasheet HTML 6Page - NXP Semiconductors 74F299 Datasheet HTML 7Page - NXP Semiconductors 74F299 Datasheet HTML 8Page - NXP Semiconductors 74F299 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
74F299
8-bit universal shift/storage register (3-State)
1990 Mar 01
5
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IO
Current applied to output in Low output state
Q0, Q7
40
mA
IOUT
Current applied to output in Low output state
I/On
48
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IO
High level output current
Q0, Q7
–1
mA
IOH
High-level output current
I/On
–3
mA
IO
Low level output current
Q0, Q7
20
mA
IOL
Low-level output current
I/On
24
mA
Tamb
Operating free-air temperature range
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com