Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F299 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F299
Description  8-bit universal shift/storage register 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F299 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F299 Datasheet HTML 4Page - NXP Semiconductors 74F299 Datasheet HTML 5Page - NXP Semiconductors 74F299 Datasheet HTML 6Page - NXP Semiconductors 74F299 Datasheet HTML 7Page - NXP Semiconductors 74F299 Datasheet HTML 8Page - NXP Semiconductors 74F299 Datasheet HTML 9Page - NXP Semiconductors 74F299 Datasheet HTML 10Page - NXP Semiconductors 74F299 Datasheet HTML 11Page - NXP Semiconductors 74F299 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F299
8-bit universal shift/storage register (3-State)
1990 Mar 01
8
AC WAVEFORMS
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
tPLH
tPHL
VM
VM
VM
1/fMAX
tW(L)
CP
Q0, Q7, I/On
tW(H)
SF00869
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Width, and Maximum Clock Frequency
VM
VM
VM
tPHL
tW(L)
tREC
VM
Q0, Q7, I/On
CP
MR
SF00870
Waveform 2. Master Reset Pulse Width, Master Reset to Output
Delay, and Master Reset to Clock Recovery Time
VM
VM
VM
VM
VM
VM
S0, S1,
I/On
DSL,
DSR
CP
SF00871
ts(H)
th(H)
th(L)
ts(L)
Waveform 3. Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
Sn, OEn
I/On
VOH -0.3V
0V
SF00872
Waveform 4. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
Sn, OEn
I/On
VOL +0.3V
SF00873
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com