Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F299 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F299
Description  8-bit universal shift/storage register 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F299 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F299 Datasheet HTML 1Page - NXP Semiconductors 74F299 Datasheet HTML 2Page - NXP Semiconductors 74F299 Datasheet HTML 3Page - NXP Semiconductors 74F299 Datasheet HTML 4Page - NXP Semiconductors 74F299 Datasheet HTML 5Page - NXP Semiconductors 74F299 Datasheet HTML 6Page - NXP Semiconductors 74F299 Datasheet HTML 7Page - NXP Semiconductors 74F299 Datasheet HTML 8Page - NXP Semiconductors 74F299 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F299
8-bit universal shift/storage register (3-State)
2
1990 Mar 01
853-0365 98989
FEATURES
Common parallel I/O for reduced pin count
Additional serial inputs and outputs for expansion
Four operating modes: Shift left, shift right, load and store
3-State outputs for bus-oriented applications
DESCRIPTION
The 74F299 is an 8-bit universal shift/storage register with 3-State
outputs. Four modes of operation are possible: Hold (store), shift
left, shift right and parallel load. The parallel load inputs and flip-flop
outputs are multiplexed to reduce the total number of package pins.
Additional outputs are provided for flip-flops Q0 and Q7 to allow
easy serial cascading. A separate active-Low Master Reset is used
to reset the register.
The 74F299 contains eight edge-triggered D-type flip-flops and the
interstage logic necessary to perform synchronous shift left, shift
right, parallel load and hold operations. The type of operation is
determined by S0 and S1, as shown in the Function Table. All
flip-flop outputs are brought out through 3-State buffers to separate
I/O pins that also serve as data inputs in the parallel load mode.
Q0 and Q7 are also brought out on other pins for expansion in serial
shifting of longer words.
A Low signal on MR overrides the Select and CP inputs and resets
the flip-flops. All other state changes are initiated by the rising edge
of the clock. Inputs can change when the clock is in either state
provided only that the recommended setup and hold times, relative
to the rising edge of clock are observed.
A High signal on either OE0 or OE1 disables the 3-State buffers and
puts the I/O pins in the high impedance state. In this condition the
shift, hold, load and reset operations can still occur. The 3-State
buffers are also disabled by High signals on both S0 and S1 in
preparation for a parallel load operation.
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
S1
DS7
Q7
I/O7
I/O5
I/O3
I/O1
DS0
S0
I/O6
I/O4
I/O2
I/O0
Q0
OE0
OE1
MR
GND
CP
SF00865
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F299
115MHz
58mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL
RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-pin plastic DIP
N74F299N
SOT146-1
20-pin plastic SOL
N74F299D
SOT163-1
20-pin plastic SSOP II
N74F299DB
SOT339-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
DS0
Serial data input for right shift
1.0/1.0
20
µA/0.6mA
DS7
Serial data input for left shift
1.0/1.0
20
µA/0.6mA
S0, S1
Mode select inputs
1.0/2.0
20
µA/1.2mA
CP
Clock pulse input (Active rising edge)
1.0/1.0
20
µA/0.6mA
MR
Asynchronous Master Reset input (Active Low)
1.0/1.0
20
µA/0.6mA
OE0, OE1
Output Enable input (Active Low)
1.0/1.0
20
µA/0.6mA
Q0, Q7
Serial outputs
50/33
1.0mA/20mA
I/On
Multiplexed parallel data inputs or
3.5/1.0
70
µA/0.6mA
I/On
3-State parallel outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High State and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com