Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F323 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F323
Description  8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F323 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F323 Datasheet HTML 1Page - NXP Semiconductors 74F323 Datasheet HTML 2Page - NXP Semiconductors 74F323 Datasheet HTML 3Page - NXP Semiconductors 74F323 Datasheet HTML 4Page - NXP Semiconductors 74F323 Datasheet HTML 5Page - NXP Semiconductors 74F323 Datasheet HTML 6Page - NXP Semiconductors 74F323 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
74F323
8-bit universal shift/storage register with synchronous
reset and common I/O pins (3-State)
1990 Mar 01
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VOH
High-level output voltage
Q0, Q7
VCC = MIN,
VIL = MAX,
VIH = MIN
IOH = –1mA
±10%VCC
2.5
V
VOH
High-level output voltage
Q0, Q7
VCC = MIN,
VIL = MAX,
VIH = MIN
IOH = –1mA
±5%VCC
2.7
3.4
V
VOH
High-level output voltage
I/On
VIL = MAX,
VIH = MIN
IOH = –3mA
±10%VCC
2.5
V
I/On
VIH = MIN
IOH = –3mA
±5%VCC
2.7
3.4
V
VOL
Low-level output voltage
VCC = MIN,
VIL = MAX,
VIH = MIN
IOL = MAX
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at
maximum input voltage
others
VCC = MAX, VI = 7.0V
100
µA
II
Input current at
maximum input voltage
I/On
VCC = 5.5V, VI = 5.5V
1
mA
IIH
High-level input current
except
I/On
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
S0, S1
VCC = MAX, VI = 0.5V
–1.2
mA
IIL
Low-level input current
others
VCC = MAX, VI = 0.5V
–0.6
mA
IIH + IOZH
Off-state output current,
High-level voltage
applied
I/On
only
VCC = MAX, VO = 2.7V
70
µA
IIL + IOZL
Off-state output current
Low-level voltage applied
only
VCC = MAX, VO = 0.5V
–0.6
mA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICCH
VCC = MAX
55
75
mA
ICC
Supply current (total)
ICCL
VCC = MAX
65
90
mA
ICCZ
CC = MAX
55
85
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb =+ 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com