Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F323 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F323
Description  8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F323 Datasheet(HTML) 6 Page - NXP Semiconductors

  74F323 Datasheet HTML 1Page - NXP Semiconductors 74F323 Datasheet HTML 2Page - NXP Semiconductors 74F323 Datasheet HTML 3Page - NXP Semiconductors 74F323 Datasheet HTML 4Page - NXP Semiconductors 74F323 Datasheet HTML 5Page - NXP Semiconductors 74F323 Datasheet HTML 6Page - NXP Semiconductors 74F323 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
74F323
8-bit universal shift/storage register with synchronous
reset and common I/O pins (3-State)
1990 Mar 01
6
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
I/O
Waveform 1
70
100
70
MHz
fMAX
Maximum clock frequency
Qn
Waveform 1
85
115
85
MHz
tPLH
tPHL
Propagation delay
CP to Q0 or Q7
Waveform 1
4.0
3.5
6.0
6.0
8.5
8.5
3.5
4.5
9.5
9.5
ns
ns
tPLH
tPHL
Propagation delay
CP to I/On
Waveform 1
4.0
5.0
6.0
6.5
9.0
9.5
4.0
4.0
10.0
10.0
ns
ns
tPZH
tPZL
Output Enable time
Sn, OE to I/On
Waveform 3
Waveform 4
3.5
4.0
6.0
8.0
9.0
11.0
3.5
4.0
10.0
11.5
ns
ns
tPHZ
tPLZ
Output Disable time
Sn, OE to I/On
Waveform 3
Waveform 4
2.5
1.5
5.0
3.0
7.5
5.5
2.5
1.5
8.0
6.5
ns
ns
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
S0 or S1 to CP
Waveform 2
6.5
6.5
7.5
7.5
ns
th(H)
th(L)
Hold time, High or Low
S0 or S1 to CP
Waveform 2
0
0
0
0
ns
ts(H)
ts(L)
Setup time, High or Low
I/O0, DS0 or DS7 to CP
Waveform 2
3.5
3.5
4.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
I/O0, DS0 or DS7 to CP
Waveform 2
0
0
0
0
ns
ts(H)
ts(L)
Setup time, High or Low
SR to CP
Waveform 2
7.0
7.0
8.5
8.5
ns
th(H)
th(L)
Hold time, High or Low
SR to CP
Waveform 2
0
0
0
0
ns
tw(H)
tw(L)
CP Pulse width, High or Low
Waveform 1
3.5
3.5
4.0
4.0
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com