Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F323 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F323
Description  8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F323 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F323 Datasheet HTML 1Page - NXP Semiconductors 74F323 Datasheet HTML 2Page - NXP Semiconductors 74F323 Datasheet HTML 3Page - NXP Semiconductors 74F323 Datasheet HTML 4Page - NXP Semiconductors 74F323 Datasheet HTML 5Page - NXP Semiconductors 74F323 Datasheet HTML 6Page - NXP Semiconductors 74F323 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
74F323
8-bit universal shift/storage register with synchronous
reset and common I/O pins (3-State)
1
1990 Mar 01
853-0367 98987
FEATURES
• Common parallel I/O for reduced pin count
• Additional serial inputs and outputs for expansion
• Four operating modes: Shift left, shift right, load, and store
• 3-State outputs for bus-oriented applications
DESCRIPTION
The 74F323 is an 8-bit universal shift/storage register with 3-State
outputs. Its function is similar to the 74F299 with the exception of
synchronous Reset. Parallel load inputs and flip-flop outputs are
multiplexed to minimize pin counts. Separate serial inputs and
outputs are provided for flip-flops Q0 and Q7 to allow easy serial
cascading. Four modes of operation are possible: Hold (store), shift
left, shift right, and parallel load.
The 74F323 contains eight edge-triggered D-type flip-flops and the
interstage logic necessary to perform synchronous reset, shift left,
shift right, parallel load, and hold operations. The type of operation is
determined by S0 and S1, as shown in the Function Table. All
flip-flop outputs are brought out through 3-State buffers to separate
I/O pins that also serve as data inputs in the parallel load mode.
Q0 and Q7 are also brought out on other pins for expansion in serial
shifting of longer words.
A Low signal on SR overrides the Select and inputs and allows the
flip-flops to be reset by the next rising edge of clock. All other state
changes are initiated by the rising edge of the clock. Inputs can
change when the clock is in either state provided only that the
recommended setup and hold times, relative to the rising edge of
clock are observed.
A High signal on either OE0 or OE1 disables the 3-State buffers and
puts the I/O pins in the high impedance state. In this condition the
shift, hold, load and reset operations can still occur. The 3-State
buffers are also disabled by High signals on both S0 and S1 in
preparation for a parallel load operation.
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
S1
DS7
Q7
I/O7
I/O5
I/O3
I/O1
DS0
S0
I/O6
I/O4
I/O2
I/O0
Q0
OE0
OE1
SR
GND
CP
SF00888
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F323
115MHz
55mA
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-pin plastic DIP
N74F323N
20-pin plastic SOL
N74F323D
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
DS0
Serial data input for right shift
1.0/1.0
20
µA/0.6mA
DS7
Serial data input for left shift
1.0/1.0
20
µA/0.6mA
S0, S1
Mode select inputs
1.0/2.0
20
µA/1.2mA
CP
Clock pulse input (Active rising edge)
1.0/1.0
20
µA/0.6mA
SR
Synchronous Reset input (Active Low)
1.0/1.0
20
µA/0.6mA
OE0, OE1
Output Enable input (Active Low)
1.0/1.0
20
µA/0.6mA
Q0, Q7
Serial outputs
50/33
20
µA/20mA
I/On
Multiplexed parallel data inputs or
3.5/1.0
70
µA/0.6mA
I/On
3-State parallel outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High State and 0.6mA in the Low state.


Similar Part No. - 74F323

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
74F323PC FAIRCHILD-74F323PC Datasheet
62Kb / 6P
Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
74F323SC FAIRCHILD-74F323SC Datasheet
62Kb / 6P
Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
More results

Similar Description - 74F323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
ON Semiconductor
MC74AC323 ONSEMI-MC74AC323 Datasheet
302Kb / 8P
8-INPUT UNIVERSAL SHIFT/ STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com