Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546J Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI5USB2546J
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546J Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI5USB2546J Datasheet HTML 13Page - Diodes Incorporated PI5USB2546J Datasheet HTML 14Page - Diodes Incorporated PI5USB2546J Datasheet HTML 15Page - Diodes Incorporated PI5USB2546J Datasheet HTML 16Page - Diodes Incorporated PI5USB2546J Datasheet HTML 17Page - Diodes Incorporated PI5USB2546J Datasheet HTML 18Page - Diodes Incorporated PI5USB2546J Datasheet HTML 19Page - Diodes Incorporated PI5USB2546J Datasheet HTML 20Page - Diodes Incorporated PI5USB2546J Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
17
© Diodes Incorporated
PI5USB2546J
USB Low-Speed / Full-Speed Device Recognition
PI5USB2546J is capable of detecting LS or FS device attachment when PI5USB2546J is in SDP or CDP mode. Per USB spec
when no device is attached, the D+ and D- lines are near ground level. When a low speed compliant device is attached to the
PI5USB2546J charging port, D- line will be pulled high in its idle state (mouse/keyboard not activated). However when a FS
device is attached the opposite is true in its idle state, i.e. D+ is pulled high and D- remains at ground level.
PI5USB2546J monitors both D+ and D- lines while CTL pin settings are in CDP or SDP mode to detect LS or FS HID device
attachment. To support HID sleep wake, PI5USB2546J must first determine that it is attached to a LS or FS device when system
is in S0 power state. PI5USB2546J does this as described above. While supporting a LS HID wake is straight forward, supporting
FS HID requires making a distinction between a FS and a HS device. This is because a high speed device will always present
itself initially as a full speed device (by a 1.5K pull up resistor on D+). The negotiation for high speed then makes the distinction
whereby the 1.5K pull up resistor gets removed.
PI5USB2546J handles the distinction between a FS and HS device at connect by memorizing if the D+ line goes low after
connect. A HS device after connect will always undergo negotiation for HS which will require the 1.5KΩ resistor pull-up on D+
to be removed. To memorize a FS device, PI5USB2546J requires the device to remain connected for at least 60 sec while system
is in S0 mode before placing it in sleep or S3 mode. If system is placed in sleep mode earlier than the 60 sec window, a FS device
may not get recognized and hence could fail to wake system from S3. This requirement does not apply for LS device.
No CTL Pin Timing Requirement after Wake Event and Transition from S3 to S0
There is no CTL pin timing requirement for the PI5USB2546J when the wake configured USB device wakes the system from S3
back to S0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com