Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546J Datasheet(PDF) 25 Page - Diodes Incorporated

Part # PI5USB2546J
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546J Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button PI5USB2546J Datasheet HTML 21Page - Diodes Incorporated PI5USB2546J Datasheet HTML 22Page - Diodes Incorporated PI5USB2546J Datasheet HTML 23Page - Diodes Incorporated PI5USB2546J Datasheet HTML 24Page - Diodes Incorporated PI5USB2546J Datasheet HTML 25Page - Diodes Incorporated PI5USB2546J Datasheet HTML 26Page - Diodes Incorporated PI5USB2546J Datasheet HTML 27Page - Diodes Incorporated PI5USB2546J Datasheet HTML 28Page - Diodes Incorporated PI5USB2546J Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
25
© Diodes Incorporated
PI5USB2546J
Implementing PPM in a System with Two Charging Ports
Below shows the implementation of two charging ports and each port with its own PI5USB2546J. In this example 5V power supply
for the two charging ports is rated at <3A or <15W max. Both devices have RLIM chosen to correspond to the low (0.9A) and high
(1.5A) current limit setting for the port. In this implementation the system can support only one of the two ports at 1.5A charging
current while the other port is set to SDP mode and ILIMIT corresponding to 0.9A.
Figure 10. Implementing Port Power Management in a System Supporting Two Charging Ports
IN
STATUS
FAULT
5V
EN
CTL1
CTL2
CTL3
ILIM SEL
PI5USB2546J
OUT
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
S0-S3
48.7k
(0.9A)
29.8k (1.5A)
IN
STATUS
FAULT
EN
CTL1
CTL2
CTL3
ILIM_SEL
OUT
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
48.7k
(0.9A)
29.8k (1.5A)
USB Port 1
USB Port 2
100k
100k
EN 1
FAULT 1
5V
EN 2
FAULT 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com