Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546JZHDEX Datasheet(PDF) 24 Page - Diodes Incorporated

Part # PI5USB2546JZHDEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546JZHDEX Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button PI5USB2546JZHDEX Datasheet HTML 20Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 21Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 22Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 23Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 24Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 25Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 26Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 27Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
24
© Diodes Incorporated
PI5USB2546J
Port Power Management (PPM)
PPM is the intelligent and dynamic allocation of power. It is for systems that have multiple charging ports but cannot power them
all simultaneously.
Goal of this feature are:
1.
Enhances user experience since user does not have to search for charging port
2.
Power supply only has to be designed for a reasonable charging load
Initially all ports are allowed to broadcast high current charging, charging current limit is based on ILIM_HI resistor setting.
System monitors /STATUS to see when high current loads are present. Once allowed number of ports assert /STATUS, remaining
ports are toggled to a non-charging port. Non-charging ports are SDP ports with current limit based on ILIM_LO. PI5USB2546J
allows for a system to toggle between charging and non-charging ports either with an OUT discharge or without an OUT
discharge.
Benefits of PPM
•
Delivers better user experience
•
Prevents overloading of system's power supply
•
Allows for dynamic power limits based on system state
•
Allows every port to potentially be a high power charging port
•
Allows for smaller power supply capacity since the loading is controlled
PPM Details
All ports are allowed to broadcast high current charging – CDP or DCP. Current limit is based on ILIM_HI and system monitors
/STATUS pin to see when high current loads are present. Once allowed number of ports assert /STATUS, remaining ports are
toggled to a SDP non-charging port. SDP current limit is based on ILIM_LO setting. SDP ports are automatically toggled back to
CDP or DCP mode when a charging port de-asserts /STATUS.
Based on CTL settings there is a provision for a port to toggle between charging and non-charging ports either with a VBUS
discharge or without a VBUS discharge. For example when a port is in SDP2 mode (1110) and its ILIM_SEL pin is toggled to 1 due
to another port releasing its high current requirements. The SDP2 port will automatically revert to CDP mode (1111) without a
discharge event. This is desirable if this port was connected to a media device where it was syncing data from the SDP2 port; a
discharge event would mess-up the syncing activity on the port and cause user confusion.
/STATUS trip point is based on the programmable ILIM_LO current limit set point. This does not mean /STATUS is a current
limit – the port itself is using the ILIM_HI current limit. Since ILIM_LO defines the current limit for a SDP port, it works well to
use the ILIM_LO value to define a high current load. /STATUS asserts in CDP and DCP when load current is above
ILIM_LO+25mA for 200ms. /STATUS de-asserts in CDP and DCP when load current is below ILIM_LO-25mA for 3s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com