Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546JZHDEX Datasheet(PDF) 26 Page - Diodes Incorporated

Part # PI5USB2546JZHDEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546JZHDEX Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button PI5USB2546JZHDEX Datasheet HTML 22Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 23Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 24Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 25Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 26Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 27Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 28Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 29Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
26
© Diodes Incorporated
PI5USB2546J
Over-Current Protection
When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Two possible overload conditions can occur. In the first condition, the output has been shorted before the device is
enabled or before VIN has been applied. The PI5USB2546J senses the short and immediately switches into a constant-current
output. In the second condition, a short or an overload occurs while the device is enabled. At the instant the overload occurs,
high currents may flow for nominally one to two microseconds before the current-limit circuit can react. The device operates in
constant-current mode after the current-limit circuit has responded. Complete shutdown occurs only if the fault is presented
long enough to activate thermal limiting. The device will remain off until the junction temperature cools approximately 20°C
and will then re-start. The device will continue to cycle on/off until the over-current condition is removed.
Current-Limit Settings
The PI5USB2546J has two independent current limit settings that are each programmed externally with a resistor. The ILIM_HI
setting is programmed with RILIM_HI connected between ILIM_HI and GND. The ILIM_LO setting is programmed with RILIM_LO
connected between ILIM_LO and GND. Consult the Device Truth Table to see when each current limit is used. Both settings
have the same relation between the current limit and the programming resistor. RILIM_LO is optional and the ILIM_LO pin may
be left unconnected if the following conditions are met:
1.
ILIM_SEL is always set high
2.
Load Detection - Port Power Management is not used
The following equation programs the typical current limit:
IOS_TYP (mA)=50250/RLIM_xx (kΩ)
RILIM_XX corresponds to either RILIM_HI or RILIM_LO as appropriate.
Many applications require that the current limit meet specific tolerance limits. When designing to these tolerance limits, both
the tolerance of the PI5USB2546J current limit and the tolerance of the external programming resistor must be taken into
account. The following equations approximate the PI5USB2546J minimum / maximum current limits to within a few mA and
are appropriate for design purposes. These equations assume an ideal – no variation - external programming resistor. To take
resistor tolerance into account, first determine the minimum /maximum resistor values based on its tolerance specifications and
use these values in the equations. Because of the inverse relation between the current limit and the programming resistor, use
the maximum resistor value in the IOS_MIN equation and the minimum resistor value in the IOS_MAX equation.
IOS_MIN (mA)=45271/(RLIM_xx (kΩ))0.98437-30
IOS_MAX (mA) =55325/ (RLIM_xx (kΩ)) 1.0139+30
The traces routing the RILIM_XX resistors should be a sufficiently low resistance as to not affect the current-limit accuracy. The
ground connection for the RILIM_XX resistors is also very important. The resistors need to reference back to the PI5USB2546J
GND pin. Follow normal board layout practices to ensure that current flow from other parts of the board does not impact the
ground potential between the resistors and the PI5USB2546J GND pin.
/FAULT Response
The /FAULT open-drain output is asserted (active low) when an over-temperature or current limit condition occurs.
The PI5USB2546J is designed to eliminate false /FAULT reporting by using an internal deglitch circuit for current limit
conditions without the need for external circuitry. This ensures that /FAULT is not accidentally asserted due to normal
operation such as starting into a heavy capacitive load. Over-temperature conditions are not deglitched and assert the /FAULT
signal immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com