Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546JZHDEX Datasheet(PDF) 27 Page - Diodes Incorporated

Part # PI5USB2546JZHDEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546JZHDEX Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button PI5USB2546JZHDEX Datasheet HTML 23Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 24Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 25Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 26Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 27Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 28Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 29Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 30Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 31Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
27
© Diodes Incorporated
PI5USB2546J
Under-Voltage Lockout (UVLO)
The under-voltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO turn on
threshold. Built-in hysteresis prevents unwanted oscillations on the output due to input voltage drop from large current surges.
Thermal Sense
The PI5USB2546J protects itself with thermal sensing circuit that monitor the operating temperature of the power distribution
switch and disables operation if the temperature exceeds recommended operating conditions. The device operates in constant-
current mode during an over-current condition, which increases the voltage drop across power switch. The power dissipation in
the package is proportional to the voltage drop across the power switch, so the junction temperature rises during an over-
current condition. The thermal sensor turns off the power switch when the die temperature exceeds 135°C regardless of whether
the power switch is in current limit. Hysteresis is built into thermal sensor, and the switch turns on after the device has cooled
by approximately 20°C. The switch continues to cycle off and on until the fault is removed. The open-drain false reporting
output /FAULT is asserted (active low) when an over-temperature shutdown condition.
Application Information
Input and Output Capacitance
Input and output capacitance improves the performance of the device; the actual capacitance should be optimized for the
particular application. For all applications, a 0.1uF or greater ceramic bypass capacitor between IN and GND is recommended as
close to the device as possible for local noise decoupling. This precaution reduces ringing on the input due to power-supply
transients. Additional input capacitance may be needed on the input to reduce voltage overshoot from exceeding the absolute-
maximum voltage of the device during heavy transient conditions or output shorting. This is especially important during bench
testing when long inductive cables are used to connect the evaluation board to the bench power supply. Normally suggested the
distance between IC and DC supply is less than 15cm.
Output capacitance also must be close to IC as possible. When large transient currents are expected on the output,placing a high-
value electrolytic capacitor on the output pin is recommended,
Layout Design Guideline
1.
The PCB is suggested to use at least 4 layers
2.
The high speed differential pair should be maintain 90Ω
3.
Do not route the high speed signal over any split plane
4.
Minimized the number of vias and corners on the high speed trace for reducing the signal reflections and impedance
changes
5.
If it’s necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This can reduces reflections on
the signal by minimizing impedance discontinuities.
6.
The high speed trace should be routed symmetrically and parallelism (including the test points on the high speed trace).
The non-parallelism trace will cause the impedance discontinuities and affect the signal quality
7.
Avoid any unnecessary stubs on the differential pair. The stubs will introduce the signal reflections which affect the signal
quality
8.
Avoid routing the high speed differential pair under the crystal, oscillator, clock synthesizer, magnetic devices or ICs to
cause the interference.
9.
Avoid anti-etch on the GND plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com