Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

752 Datasheet(PDF) 2 Page - CTS Corporation

Part # 752
Description  Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

752 Datasheet(HTML) 2 Page - CTS Corporation

  752 Datasheet HTML 1Page - CTS Corporation 752 Datasheet HTML 2Page - CTS Corporation 752 Datasheet HTML 3Page - CTS Corporation 752 Datasheet HTML 4Page - CTS Corporation 752 Datasheet HTML 5Page - CTS Corporation 752 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
How to Order
Series GTL & ECL Products
NOTE: No dashes or spaces to appear in part number.
Example: 75324G101GTR
See page 33 for part marking information.
20
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s 75XB
21
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s 75XB
ECL Standard Resistance Values
R1
R2
Thev
Code
81
Ω
130
Ω
50
Ω
500A
120
Ω
200
Ω
75
Ω
750B
162
Ω
260
Ω
100
Ω
101B
220
Ω
270
Ω
121
Ω
121B
180
Ω
390
Ω
123
Ω
121A
220
Ω
330
Ω
130
Ω
131A
330
Ω
390
Ω
180
Ω
181A
330
Ω
470
Ω
190
Ω
191A
1
R = Terminator Resistance Value/2
23
4
RR
0.5nH
0.5nH
0.5nH
0.08pF
0.08pF
0.6nH
0.1pF
R
R
0.08pF
RR
0.2nH
0.2nH
0.6nH
0.2nH
0.1pF
0.1pF
12
3
4
Series 752
Series 753
Resistor Code
3 digit EIA
Tolerance
J = ±5%
G = ±2% (standard)
F = ±1% or .5
Ω
Termination
G=GTL
E=ECL
# Pads
24 (GTL)
12 (ECL)
High Speed Digital Termination Networks
• Low inductance leadless construction
• Excellent high frequency response
• Very low crosstalk
• High power dissipation versus board space
• Spice models available for circuit simulation
• Solder-coated nickel barrier pads
• Tape & reel packaging per EIA 481
• Designed to work with standard automated
surface mount pick & place solder processes
Resistance Tolerance:
Standard ±2% or 0.5
Ω (whichever is greater)
Special: ±1%
Temperature Coefficient (TCR):
Standard: ±200PPM/°C
Operating Temperature Range:
-55°C to +125°C
R18
R17 R16 R15
R14 R13 R12
R11 R10
24
13
R1
R2
R3
R4
R5
1
R6
R7
R8
R9
12
R1
1
R2
12
Spice Equivalent Circuit
GTL Termination
ECL Termination
GTL Standard Resistance Values
Value
Code
Value
Code
39
Ω
390
100
Ω
101
47
Ω
470
110
Ω
111
50
Ω
500
120
Ω
121
51
Ω
510
150
Ω
151
56
Ω
560
180
Ω
181
62
Ω
620
220
Ω
221
68
Ω
680
270
Ω
271
75
Ω
750
330
Ω
331
82
Ω
820
Standard Product Offering
Termination
CTS
Rated Package
Resistor
Term.
Term.
Type
Series#
Power @25°C
Power @25°C
Pitch
Lines
GTL (parallel)
753
0.82W
0.06W
0.025”
18
752
2.0W
0.08W
0.050”
ECL (Thevenin)
753
0.82W
0.06W
0.025”
8
752
2.0W
0.08W
0.050”
Apply
Spice
Measured
Spice
Measured
250mV
Result
Result
Result
Result
1nS
1nS
28pS
28pS
Apply P1
View P2
4.4mV
4.5mV
48mV
34mV
View P4
3.1mV
3.0mV
28mV
22mV
Apply P2
View P1
4.4mV
5.0mV
55mV
34mV
View P4
3.0mV
2.4mV
30mV
16mV
Apply P4
View P1
3.1mV
3.0mV
30mV
22mV
View P4
3.0mV
2.6mV
30mV
16mV
GTL & ECL T e r minator s-Ser ies 752 & 753
Testing based on TDR pulse using a Tektronix 11802 digitizing
scope. 28ps pulse applied, 1ns filter applied on 1ns measurement.
Terminator value tested = 50
Ω.
See pages 16-19 for physical dimensions, power rating and
other 752 & 753 information.
See page 19 for available value codes
See page 32 for available
value & CTS codes
753
24
G
101
G
TR
Packaging -
TR - Tape & Reel
B - Bulk
(see page 36)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com