Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

752 Datasheet(PDF) 4 Page - CTS Corporation

Part # 752
Description  Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

752 Datasheet(HTML) 4 Page - CTS Corporation

  752 Datasheet HTML 1Page - CTS Corporation 752 Datasheet HTML 2Page - CTS Corporation 752 Datasheet HTML 3Page - CTS Corporation 752 Datasheet HTML 4Page - CTS Corporation 752 Datasheet HTML 5Page - CTS Corporation 752 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DRT
Solder Paste Stencil Opening
KSw
S
Q
4 mil 752 0.66
0.76
1.52 0.38
0.026 0.030 0.060 0.015
6 mil 752 0.051 0.064 1.40 0.30
0.020 0.025 0.055 0.012
34
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s SMLPB
35
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s SMLPB
SRT
Solder Paste Stencil Opening
KSw
S
Q
4 mil 752 2.40
0.76
0.38
0.095 0.030
NA
0.015
6 mil 752 1.90
0.63
0.33
0.075 0.025
NA
0.013
AB
C
D
742
1.80
0.80
0.50
0.90
0.071
0.032
0.020
0.035
743
1.90
1.27
0.80
1.20
0.075
0.050
0.032
0.047
744
3.00
1.27
0.80
1.30
0.118
0.050
0.032
0.051
745
3.00
1.27
0.80
1.30
0.118
0.050
0.032
0.051
746
1.52
0.64
0.35
0.80
0.060
0.025
0.014
0.032
Dimensions mm/inch
Series
Surface Mount Land Patter ns
Concave and Convex Chip Resistor Arrays 742-746
Surface Mount Series 752
Surface Mount Series 753
Surface Mount Series 766, 767 & 768
"D"
"C"
"B"
"A"
"C"
2.03
0.080
TYP.
1.27
0.050
TYP.
0.63
0.025
TYP.
"D"
"B"
"A"
Lead
AB
C
D
Count
766-8P
3.60
5.60
7.60
3.81
0.140
0.220
0.300
0.150
766-14P
3.60
5.60
7.60
7.60
0.140
0.220
0.300
0.300
766-16P
3.60
5.60
7.60
8.90
0.140
0.220
0.300
0.350
767-14
5.34
7.37
9.40
7.60
0.210
0.290
0.370
0.300
767-16
5.34
7.37
9.40
8.90
0.210
0.290
0.370
0.350
768-14
5.34
7.37
9.40
7.60
0.210
0.290
0.370
0.300
768-16
5.34
7.37
9.40
8.90
0.210
0.290
0.370
0.350
768-20
5.34
7.37
9.40
11.43
0.210
0.290
0.370
0.450
Concave/Convex
Stencil Opening
Stencil Opening
SRT
Solder Paste Stencil Opening
KSw
S
Q
4 mil 753 2.75
0.30
0.15
0.108 0.012
NA
0.006
6 mil 753 1.72
0.30
0.15
0.068 0.012
NA
0.006
Stencil Opening
DRT
Solder Paste Stencil Opening
KSw
S
Q
4 mil 753 0.51
0.30
1.32 0.15
0.020 0.012 0.052 0.006
6 mil 753 0.028 0.030 1.47 0.15
0.011 0.012 0.058 0.006
Stencil Opening
Land Patterns
No. of
“H” Dim
Pads
In.
mm
8
0.175
4.44
9
0.200
5.08
10
0.225
5.72
12
0.275
6.99
16
0.175
4.44
18
0.200
5.08
20
0.225
5.72
24
0.275
6.99
"B"
"C"
"A"
Keep out zone for stand offs.
Circuit board traces should be avoided
in this area to allow the stand off to rest
directly on the PCB.
"F"
"H"
SINGLE ROW
TERMINATION
"B"
"C"
"A"
"F"
DUAL ROW
TERMINATION
"E"
"D"
Dim.
In.
mm.
A
0.120
3.05
B
0.025
0.64
C
0.017
0.43
D
0.050
1.27
E
0.020
0.51
F
0.035
0.89
Land Patterns
No. of
“H” Dim
Pads
In.
mm
8
0.350
8.89
9
0.400
10.16
10
0.450
11.43
12
0.550
13.97
16
0.350
8.89
18
0.400
10.16
20
0.450
11.43
24
0.550
13.97
Dim.
In.
mm.
A
0.125
3.18
B
0.050
1.27
C
0.030
0.76
D
0.050
1.27
E
0.025
0.64
F
0.050
1.27
Solder Paste
Stencil Opening
"K"
"S"
Radius Q
Sw
"K"
Radius Q
Sw
NOTE:
s
Land Patterns for Concave and
Convex termination can be the same.
Series 752 & 753 Stencil Openings
Series 752 & 753 Land Patterns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com